Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9540 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9540
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9540 Datasheet HTML 17Page - Analog Devices AD9540 Datasheet HTML 18Page - Analog Devices AD9540 Datasheet HTML 19Page - Analog Devices AD9540 Datasheet HTML 20Page - Analog Devices AD9540 Datasheet HTML 21Page - Analog Devices AD9540 Datasheet HTML 22Page - Analog Devices AD9540 Datasheet HTML 23Page - Analog Devices AD9540 Datasheet HTML 24Page - Analog Devices AD9540 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD9540
Rev. 0 | Page 21 of 32
MODES OF OPERATION
SELECTABLE CLOCK FREQUENCIES AND SELECT-
ABLE EDGE DELAY
Because the precision driver is implemented using a DDS, it
is possible to store multiple clock frequency words to enable
externally switchable clock frequencies. The phase accumulator
runs at a fixed frequency, according to the active profile’s clock
frequency word. Likewise, any delay applied to the rising and
falling edges is a static value that comes from the delay shift
word of the active profile. The device has eight different
phase/frequency profiles, each with its own 48-bit clock fre-
quency word and 14-bit delay shift word. Profiles are selected by
applying their digital value on the clock select (S0, S1, and S2)
pins. It is not possible to use the phase offset of one profile and
the frequency tuning word of another.
SYNCHRONIZATION MODES FOR MULTIPLE DEVICES
In a DDS system, the SYNC_CLK is derived internally from the
master system clock, SYSCLK, with a ÷4 divider. Because the
divider does not power up to a known state, multiple devices
in a system might have staggered clock phase relationships,
because each device can potentially generate the SYNC_CLK
rising edge from any one of four rising edges of SYSCLK. This
ambiguity can be resolved by employing digital synchronization
logic to control the phase relationships of the derived clocks
among different devices in the system. Note that the synchroni-
zation functions included on the AD9540 control only the
timing relationships among different digital clocks. They do not
compensate for the analog timing delay on the system clock due
to mismatched phase relationships on the input clock, CLK1
(see Figure 35).
SYSCLK DUT1
SYNC CLK
DUT1
SYNC CLK DUT2 w/o
SYNC_CLK ALIGNED
SYSCLK DUT2
SYNC CLK DUT2 w/
SYNC_CLK ALIGNED
01
2
30
01
2
3
3
SYNCHRONIZATION FUNCTIONS CAN ALIGN
DIGITAL CLOCK RELATIONSHIPS, THEY
CANNOT DESKEW THE EDGES OF CLOCKS
Figure 35. Synchronization Functions: Capabilities and Limitations
Automatic Synchronization
In automatic synchronization mode, the device is placed in slave
mode and automatically aligns the internal SYNC_CLK to a
master SYNC_CLK signal, supplied on the SYNC_IN input.
When this bit is enabled, the STATUS is not available as an
output; however, an out-of-lock condition can be detected by
reading Control Function Register 1 and checking the status of
the STATUS_Error bit. The automatic synchronization function
is enabled by setting the Control Function Register 1 automatic
synchronization bit, CFR1<3>. To employ this function at
higher clock rates (SYNC_CLK > 62.5 MHz, SYSCLK >
250 MHz), the high speed sync enable bit (CFR1<0>) should be
set as well.
Manual Synchronization, Hardware Controlled
In this mode, the user controls the timing relationship of the
SYNC_CLK with respect to SYSCLK. When hardware manual
synchronization is enabled, the SYNC_IN/ STATUS pin
becomes a digital input. For each rising edge detected on the
SYNC_IN input, the device advances the SYNC_IN rising edge
by one SYSCLK period. When this bit is enabled, the STATUS is
not available as an output; however, an out-of-lock condition
can be detected by reading Control Function Register 1 and
checking the status of the STATUS_Error bit. This synchro-
nization function is enabled by setting the hardware manual
synchronization enable bit, CFR1<1>.
Manual Synchronization, Software Controlled
In this mode, the user controls the timing relationship between
SYNC_CLK and SYSCLK through software programming.
When the software manual synchronization bit (CFR1<2>) is
set high, the SYNC_CLK is advanced by one SYSCLK cycle.
Once this operation is complete, the bit is cleared. The user can
set this bit repeatedly to advance the SYNC_CLK rising edge
multiple times. Because the operation does not use the
SYNC_IN/ STATUS pin as a SYNC_IN input, the STATUS sig-
nal can be monitored on the STATUS pin during this operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com