Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9540 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9540
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9540 Datasheet HTML 13Page - Analog Devices AD9540 Datasheet HTML 14Page - Analog Devices AD9540 Datasheet HTML 15Page - Analog Devices AD9540 Datasheet HTML 16Page - Analog Devices AD9540 Datasheet HTML 17Page - Analog Devices AD9540 Datasheet HTML 18Page - Analog Devices AD9540 Datasheet HTML 19Page - Analog Devices AD9540 Datasheet HTML 20Page - Analog Devices AD9540 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD9540
Rev. 0 | Page 17 of 32
FREQUENCY (Hz)
0
–10
–20
–30
–40
–60
–50
–70
–80
–90
–100
–110
–130
–120
–140
–160
–150
–170
10
1k
100
10k
100k
10M
1M
Figure 28. RF Divider and CML Driver Residual
Phase Noise (2488 MHz In, 622 MHz Out)
FREQUENCY (Hz)
0
–10
–20
–30
–40
–60
–50
–70
–80
–90
–100
–110
–130
–120
–140
–160
–150
–180
–170
10
1k
100
10k
100k
1M
20M
Figure 29. Total System Phase Noise for 105 MHz Converter Clock
FREQUENCY (Hz)
0
–10
–20
–30
–40
–60
–50
–70
–80
–90
–100
–110
–130
–120
–140
–160
–150
–180
–170
10
1k
100
10k
100k
1M
20M
Figure 30. Total System Phase Noise for 210 MHz Converter Clock
FREQUENCY (Hz)
0
–10
–20
–30
–40
–60
–50
–70
–80
–90
–100
–110
–130
–120
–140
–160
–150
–180
–170
10
1k
100
10k
100k
1M
20M
Figure 31. Total System Phase Noise for 622 MHz OC-12 Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com