Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9540 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9540
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9540 Datasheet HTML 14Page - Analog Devices AD9540 Datasheet HTML 15Page - Analog Devices AD9540 Datasheet HTML 16Page - Analog Devices AD9540 Datasheet HTML 17Page - Analog Devices AD9540 Datasheet HTML 18Page - Analog Devices AD9540 Datasheet HTML 19Page - Analog Devices AD9540 Datasheet HTML 20Page - Analog Devices AD9540 Datasheet HTML 21Page - Analog Devices AD9540 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD9540
Rev. 0 | Page 18 of 32
TYPICAL APPLICATION CIRCUITS
25MHz
CRYSTAL
÷M
÷R
÷N
REFIN
CHARGE
PUMP
PHASE
DETECTOR
400MHz
AD9540
CLOCK1
CLOCK1'
CML
DRIVER
DDS
DAC
VCO
CLK2
Figure 32. Dual Clock Configuration
EXTERNAL
REFERENCE
÷M
÷N
REFIN
CHARGE
PUMP
PHASE
DETECTOR
622MHz
AD9540
CLOCK1
CLOCK2
CML
DRIVER
DDS
DAC
VCO
CLK2
÷R
Figure 33. Optical Networking Clock
APPLICATION CIRCUIT DESCRIPTIONS
Dual Clock Configuration: AD9540 Configured in a
Dual-Clock Configuration
In this loop, M = 1, N = 16, and R = 4. The DDS tuning word is
also equals to ¼, so that the frequency of CLOCK 1’ equals the
frequency of CLOCK 1. Phase adjustments in the DDS provide
14-bit programmable rising edge delay capability of CLOCK 1’
with respect to CLOCK 1 (see Figure 32).
Optical Networking Clock: AD9540 Configured as an
Optical Networking Clock
The loop can be used to generate a 622 MHz clock for OC12.
The DDS can be programmed to output 8 kHz to serve as a base
reference for other circuits in the subsystem (see Figure 33).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com