Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9540 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9540
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9540 Datasheet HTML 12Page - Analog Devices AD9540 Datasheet HTML 13Page - Analog Devices AD9540 Datasheet HTML 14Page - Analog Devices AD9540 Datasheet HTML 15Page - Analog Devices AD9540 Datasheet HTML 16Page - Analog Devices AD9540 Datasheet HTML 17Page - Analog Devices AD9540 Datasheet HTML 18Page - Analog Devices AD9540 Datasheet HTML 19Page - Analog Devices AD9540 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD9540
Rev. 0 | Page 16 of 32
FREQUENCY (Hz)
0
–10
–20
–30
–40
–60
–50
–70
–80
–90
–100
–110
–130
–120
–140
–160
–150
–170
10
1k
100
10k
100k
10M
1M
Figure 22. RF Divider and CML Driver Residual
Phase Noise (410.4 MHz In, 51.3 MHz Out)
FREQUENCY (Hz)
0
–10
–20
–30
–40
–60
–50
–70
–80
–90
–100
–110
–130
–120
–140
–160
–150
–170
10
1k
100
10k
100k
10M
1M
Figure 23. RF Divider and CML Driver Residual
Phase Noise (842.4 MHz In, 105.3 MHz Out)
FREQUENCY (Hz)
0
–10
–20
–30
–40
–60
–50
–70
–80
–90
–100
–110
–130
–120
–140
–160
–150
–170
10
1k
100
10k
100k
10M
1M
Figure 24. RF Divider and CML Driver Residual
Phase Noise (983.04 MHz In, 122.88 MHz Out)
FREQUENCY (Hz)
0
–10
–20
–30
–40
–60
–50
–70
–80
–90
–100
–110
–130
–120
–140
–160
–150
–170
10
1k
100
10k
100k
10M
1M
Figure 25. RF Divider and CML Driver Residual
Phase Noise (1240 MHz In, 155 MHz Out)
FREQUENCY (Hz)
0
–10
–20
–30
–40
–60
–50
–70
–80
–90
–100
–110
–130
–120
–140
–160
–150
–170
10
1k
100
10k
100k
10M
1M
Figure 26. RF Divider and CML Driver Residual
Phase Noise (1680 MHz In, 210 MHz Out)
FREQUENCY (Hz)
0
–10
–20
–30
–40
–60
–50
–70
–80
–90
–100
–110
–130
–120
–140
–160
–150
–170
10
1k
100
10k
100k
10M
1M
Figure 27. RF Divider and CML Driver Residual
Phase Noise (1966.08 MHz In, 491.52 MHz Out)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com