Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC300 Datasheet (PDF) - Zetex Semiconductors

ZXSC300 Datasheet PDF - Zetex Semiconductors
Part # ZXSC300
Download  ZXSC300 Download
File Size   154.03 Kbytes
Page   12 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description SINGLE OR MULTI CELL LED DRIVER SOLUTION

ZXSC300 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXSC300 Datasheet PDF - Zetex Semiconductors

Part # ZXSC300
Download  ZXSC300 Click to download

File Size   154.03 Kbytes
Page   12 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description SINGLE OR MULTI CELL LED DRIVER SOLUTION

ZXSC300 Datasheet (HTML) - Zetex Semiconductors


ZXSC300 Product details

DESCRIPTION
The ZXSC300 is a single or multi cell LED driver designed for applications where step-up voltage conversion from very low input voltages is required. These applications mainly operate from single 1.5V or 1.2V battery cells. The circuit generates constant current pulses that are ideal for driving single or multiple LED’s over a wide range of operating voltages.

FEATURES
• 94% efficiency
• Minimum operating input voltage 0.8V
• Fixed output current
• Low saturation voltage switching transistor
• SOT23-5 package

APPLICATIONS
• LED flashlights and torches
• LED backlights
• White LED driving
• Multiple LED driving
• Solar Equipment




Similar Part No. - ZXSC300

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC300 ZETEX-ZXSC300 Datasheet
190Kb / 12P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
logo
Diodes Incorporated
ZXSC300 DIODES-ZXSC300 Datasheet
181Kb / 12P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
SEPTEMBER 2007
logo
Zetex Semiconductors
ZXSC300E5TA ZETEX-ZXSC300E5TA Datasheet
190Kb / 12P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
logo
Diodes Incorporated
ZXSC300E5TA DIODES-ZXSC300E5TA Datasheet
181Kb / 12P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
SEPTEMBER 2007
logo
Zetex Semiconductors
ZXSC300 ZETEX-ZXSC300_06 Datasheet
190Kb / 12P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
More results


Similar Description - ZXSC300

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3490 LINER-LTC3490 Datasheet
160Kb / 12P
Single Cell 350mA LED Driver
logo
Zetex Semiconductors
ZXSC300 ZETEX-ZXSC300_06 Datasheet
190Kb / 12P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
ZXSC380 ZETEX-ZXSC380 Datasheet
358Kb / 10P
Single or multi cell LED driver solution
ZXLD381 ZETEX-ZXLD381 Datasheet
172Kb / 8P
Single or Multi Cell LED Driver Solution
ZXLD383 ZETEX-ZXLD383 Datasheet
283Kb / 10P
Single or multi cell LED driver with enable/rectifier input for solar charged lamp applications
logo
Diodes Incorporated
ZXLD381 DIODES-ZXLD381 Datasheet
210Kb / 9P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
DS32189 Rev. 3 - 2
ZXLD383 DIODES-ZXLD383 Datasheet
160Kb / 10P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
DS32189 Rev. 3 - 2
ZXSC300 DIODES-ZXSC300 Datasheet
181Kb / 12P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
SEPTEMBER 2007
ZXSC380 DIODES-ZXSC380 Datasheet
389Kb / 10P
Single or multi cell LED driver solution
SEPTEMBER 2007
logo
Linear Technology
LTC3490 LINER-LTC3490_15 Datasheet
169Kb / 12P
Single Cell 350mA LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com