Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC300 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXSC300
Description  SINGLE OR MULTI CELL LED DRIVER SOLUTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC300 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXSC300 Datasheet HTML 1Page - Zetex Semiconductors ZXSC300 Datasheet HTML 2Page - Zetex Semiconductors ZXSC300 Datasheet HTML 3Page - Zetex Semiconductors ZXSC300 Datasheet HTML 4Page - Zetex Semiconductors ZXSC300 Datasheet HTML 5Page - Zetex Semiconductors ZXSC300 Datasheet HTML 6Page - Zetex Semiconductors ZXSC300 Datasheet HTML 7Page - Zetex Semiconductors ZXSC300 Datasheet HTML 8Page - Zetex Semiconductors ZXSC300 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ZXSC300
ISSUE 1 - JUNE 2001
3
FMMT617
For the circuits described in the applications section, Zetex FMMT617 is the recommended pass transistor. The
following indicates outline data for the transistor, more detailed information can be found in the Zetex surface
mount data book or at www.zetex.com
ELECTRICAL CHARACTERISTICS (at T
A = 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Emitter
Saturation Voltage
VCE(sat)
8
70
150
14
100
200
mV
mV
mV
IC=0.1A, IB=10mA*
IC=1A, IB=10mA*
IC=3A, IB=40mA*
Collector-Emitter
Breakdown Voltage
V(BR)CEO 15
18
V
IC=10mA*
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
ZHCS1000
For the circuits described in the applications section Zetex ZHCS1000 is the recommended Schottky diode. The
following indicates outline data for the diode, more detailed information is available at www.zetex.com
ELECTRICAL CHARACTERISTICS (at T
amb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Forward Voltage
VF
400
500
mV
mV
IF=500mA
IF=1A
Reverse Current
IR
50
100
µA
VR=30V
Reverse Recovery
Time
trr
12
ns
Switched from IF = 500mA
to IR = 500mA. Measured
at IR=50mA
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com