Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT12N50DX Datasheet (PDF) - Zetex Semiconductors

ZXT12N50DX Datasheet PDF - Zetex Semiconductors
Part # ZXT12N50DX
Download  ZXT12N50DX Download
File Size   258.81 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT12N50DX Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXT12N50DX Datasheet PDF - Zetex Semiconductors

Part # ZXT12N50DX
Download  ZXT12N50DX Click to download

File Size   258.81 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT12N50DX Datasheet (HTML) - Zetex Semiconductors


ZXT12N50DX Product details

DESCRIPTION This new 4th generation ultra low saturation transistor utilises the Zetex matrix structure combined with advanced assembly techniques to give extremely low on state losses. This makes it ideal for high efficiency, low voltage switching applications.

FEATURES
• Extremely Low Equivalent On Resistance
• Extremely Low Saturation Voltage
• hFE characterised up to 5A
• IC=3A Continuous Collector Current
• MSOP8 package

APPLICATIONS
• DC - DC Converters
• Power Management Functions
• Power switches
• Motor control




Similar Part No. - ZXT12N50DX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT12N50DX DIODES-ZXT12N50DX Datasheet
267Kb / 6P
DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXT12N50DXTA DIODES-ZXT12N50DXTA Datasheet
267Kb / 6P
DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXT12N50DXTC DIODES-ZXT12N50DXTC Datasheet
267Kb / 6P
DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
More results


Similar Description - ZXT12N50DX

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10N50DE6 ZETEX-ZXT10N50DE6 Datasheet
223Kb / 6P
50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14N50DX ZETEX-ZXT14N50DX Datasheet
264Kb / 6P
50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTD09N50DE6 ZETEX-ZXTD09N50DE6 Datasheet
288Kb / 8P
DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT12N50DX DIODES-ZXT12N50DX Datasheet
267Kb / 6P
DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXT13N50DE6 DIODES-ZXT13N50DE6 Datasheet
429Kb / 6P
50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
NOVEMBER 1999
ZXTD09N50DE6 DIODES-ZXTD09N50DE6 Datasheet
298Kb / 8P
DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
JUNE 2001
ZXTD619MC DIODES-ZXTD619MC Datasheet
193Kb / 7P
DUAL 50V NPN LOW SATURATION SWITCHING TRANSISTOR
Rev 2
ZXTD2090E6 DIODES-ZXTD2090E6 Datasheet
165Kb / 6P
DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
Rev 2
ZXTDCM832 DIODES-ZXTDCM832 Datasheet
568Kb / 6P
DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
JUNE 2002
ZXTD619MC DIODES-ZXTD619MC_15 Datasheet
222Kb / 7P
DUAL 50V NPN LOW SATURATION SWITCHING TRANSISTOR
Rev 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com