Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT12N50DX Datasheet (PDF) - Diodes Incorporated

ZXT12N50DX Datasheet PDF - Diodes Incorporated
Part # ZXT12N50DX
Download  ZXT12N50DX Download
File Size   267.5 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT12N50DX Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXT12N50DX Datasheet PDF - Diodes Incorporated

Part # ZXT12N50DX
Download  ZXT12N50DX Click to download

File Size   267.5 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT12N50DX Datasheet (HTML) - Diodes Incorporated


ZXT12N50DX Product details

DESCRIPTION
This new 4th generation ultra low saturation transistor utilises the Zetex matrix structure combined with advanced assembly techniques to give extremely low on state losses. This makes it ideal for high efficiency, low voltage switching applications.

FEATURES
• Extremely Low Equivalent On Resistance
• Extremely Low Saturation Voltage
• hFE characterised up to 5A
• IC=3A Continuous Collector Current
• MSOP8 package

APPLICATIONS
• DC - DC Converters
• Power Management Functions
• Power switches
• Motor control




Similar Part No. - ZXT12N50DX

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT12N50DX ZETEX-ZXT12N50DX Datasheet
258Kb / 6P
DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12N50DXTA ZETEX-ZXT12N50DXTA Datasheet
258Kb / 6P
DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12N50DXTC ZETEX-ZXT12N50DXTC Datasheet
258Kb / 6P
DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results


Similar Description - ZXT12N50DX

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10N50DE6 ZETEX-ZXT10N50DE6 Datasheet
223Kb / 6P
50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12N50DX ZETEX-ZXT12N50DX Datasheet
258Kb / 6P
DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14N50DX ZETEX-ZXT14N50DX Datasheet
264Kb / 6P
50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTD09N50DE6 ZETEX-ZXTD09N50DE6 Datasheet
288Kb / 8P
DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT13N50DE6 DIODES-ZXT13N50DE6 Datasheet
429Kb / 6P
50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
NOVEMBER 1999
ZXTD09N50DE6 DIODES-ZXTD09N50DE6 Datasheet
298Kb / 8P
DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
JUNE 2001
ZXTD619MC DIODES-ZXTD619MC Datasheet
193Kb / 7P
DUAL 50V NPN LOW SATURATION SWITCHING TRANSISTOR
Rev 2
ZXTD2090E6 DIODES-ZXTD2090E6 Datasheet
165Kb / 6P
DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
Rev 2
ZXTDCM832 DIODES-ZXTDCM832 Datasheet
568Kb / 6P
DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
JUNE 2002
ZXTD619MC DIODES-ZXTD619MC_15 Datasheet
222Kb / 7P
DUAL 50V NPN LOW SATURATION SWITCHING TRANSISTOR
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com