Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT12P40DX Datasheet (PDF) - Zetex Semiconductors

ZXT12P40DX Datasheet PDF - Zetex Semiconductors
Part # ZXT12P40DX
Download  ZXT12P40DX Download
File Size   250.91 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT12P40DX Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXT12P40DX Datasheet PDF - Zetex Semiconductors

Part # ZXT12P40DX
Download  ZXT12P40DX Click to download

File Size   250.91 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT12P40DX Datasheet (HTML) - Zetex Semiconductors


ZXT12P40DX Product details

DESCRIPTION
This new 4th generation ultra low saturation transistor utilises the Zetex matrix structure combined with advanced assembly techniques to give extremely low on state losses. This makes it ideal for high efficiency, low voltage switching applications.

FEATURES
• Extremely Low Equivalent On Resistance
• Extremely Low Saturation Voltage
• hFE characterised up to 5A
• IC=2A Continuous Collector Current
• MSOP8 package

APPLICATIONS
• DC - DC Converters
• Power Management Functions
• Power switches
• Motor control




Similar Part No. - ZXT12P40DX

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT12P40DX ZETEX-ZXT12P40DX Datasheet
326Kb / 7P
SuperSOT4??DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT12P40DX DIODES-ZXT12P40DX Datasheet
334Kb / 7P
DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
DECEMBER 2006
logo
Zetex Semiconductors
ZXT12P40DXTA ZETEX-ZXT12P40DXTA Datasheet
326Kb / 7P
SuperSOT4??DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT12P40DXTA DIODES-ZXT12P40DXTA Datasheet
334Kb / 7P
DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
DECEMBER 2006
logo
Zetex Semiconductors
ZXT12P40DXTC ZETEX-ZXT12P40DXTC Datasheet
326Kb / 7P
SuperSOT4??DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
More results


Similar Description - ZXT12P40DX

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10P40DE6 ZETEX-ZXT10P40DE6 Datasheet
228Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13P40DE6 ZETEX-ZXT13P40DE6 Datasheet
413Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14P40DX ZETEX-ZXT14P40DX Datasheet
262Kb / 6P
SuperSOT4??40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12P40DX ZETEX-ZXT12P40DX_06 Datasheet
326Kb / 7P
SuperSOT4??DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10P40DE6 DIODES-ZXT10P40DE6 Datasheet
241Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
SEPTEMBER 2000
ZXT12P40DX DIODES-ZXT12P40DX Datasheet
334Kb / 7P
DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
DECEMBER 2006
ZXT13P40DE6 DIODES-ZXT13P40DE6 Datasheet
422Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
JANUARY 2000
ZXTD720MC DIODES-ZXTD720MC Datasheet
192Kb / 7P
DUAL 40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 2
ZXT14P40DX DIODES-ZXT14P40DX Datasheet
264Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXTD720MC DIODES-ZXTD720MC_15 Datasheet
194Kb / 7P
DUAL 40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com