Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXT12P40DX Datasheet (PDF) - Diodes Incorporated

ZXT12P40DX Datasheet PDF - Diodes Incorporated
Part # ZXT12P40DX
Download  ZXT12P40DX Download
File Size   334.16 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT12P40DX Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXT12P40DX Datasheet PDF - Diodes Incorporated

Part # ZXT12P40DX
Download  ZXT12P40DX Click to download

File Size   334.16 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT12P40DX Datasheet (HTML) - Diodes Incorporated


ZXT12P40DX Product details

DESCRIPTION
This new 4th generation ultra low saturation transistor utilises the Zetex matrix structure combined with advanced assembly techniques to give extremely low on state losses. This makes it ideal for high efficiency, low voltage switching applications.

FEATURES
• Extremely Low Equivalent On Resistance
• Extremely Low Saturation Voltage
• hFE characterised up to 5A
• IC=2A Continuous Collector Current
• MSOP8 package

APPLICATIONS
• DC - DC Converters
• Power Management Functions
• Power switches
• Motor control




Similar Part No. - ZXT12P40DX

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT12P40DX ZETEX-ZXT12P40DX Datasheet
250Kb / 6P
DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12P40DX ZETEX-ZXT12P40DX Datasheet
326Kb / 7P
SuperSOT4??DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12P40DXTA ZETEX-ZXT12P40DXTA Datasheet
250Kb / 6P
DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12P40DXTA ZETEX-ZXT12P40DXTA Datasheet
326Kb / 7P
SuperSOT4??DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12P40DXTC ZETEX-ZXT12P40DXTC Datasheet
250Kb / 6P
DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
More results


Similar Description - ZXT12P40DX

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10P40DE6 ZETEX-ZXT10P40DE6 Datasheet
228Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12P40DX ZETEX-ZXT12P40DX Datasheet
250Kb / 6P
DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13P40DE6 ZETEX-ZXT13P40DE6 Datasheet
413Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14P40DX ZETEX-ZXT14P40DX Datasheet
262Kb / 6P
SuperSOT4??40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12P40DX ZETEX-ZXT12P40DX_06 Datasheet
326Kb / 7P
SuperSOT4??DUAL 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10P40DE6 DIODES-ZXT10P40DE6 Datasheet
241Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
SEPTEMBER 2000
ZXT13P40DE6 DIODES-ZXT13P40DE6 Datasheet
422Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
JANUARY 2000
ZXTD720MC DIODES-ZXTD720MC Datasheet
192Kb / 7P
DUAL 40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 2
ZXT14P40DX DIODES-ZXT14P40DX Datasheet
264Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXTD720MC DIODES-ZXTD720MC_15 Datasheet
194Kb / 7P
DUAL 40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com