Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCA8022-H Datasheet (PDF) - Toshiba Semiconductor

TPCA8022-H Datasheet PDF - Toshiba Semiconductor
Part # TPCA8022-H
Download  TPCA8022-H Download
File Size   249.21 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)

TPCA8022-H Datasheet (PDF)

Go To PDF Page Download Datasheet
TPCA8022-H Datasheet PDF - Toshiba Semiconductor

Part # TPCA8022-H
Download  TPCA8022-H Click to download

File Size   249.21 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)

TPCA8022-H Datasheet (HTML) - Toshiba Semiconductor


TPCA8022-H Product details

Switching Regulator Applications
Motor Drive Applications
DC/DC Converter Applications

• Small footprint due to a small and thin package
• High speed switching
• Low drain-source ON-resistance
                                 : RDS (ON) = 17 mΩ (typ.) (VGS=10V, ID=11A)
• High forward transfer admittance: |Yfs| = 46 S (typ.)
• Low leakage current: IDSS = 10 µA (max) (VDS = 100 V)
• Enhancement mode: Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - TPCA8022-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8020-H TOSHIBA-TPCA8020-H Datasheet
415Kb / 7P
Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII) High-Efficiency DC竊뢈C Converter Applications
TPCA8020-H TOSHIBA-TPCA8020-H Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPCA8020-H VBSEMI-TPCA8020-H Datasheet
1Mb / 7P
N-Channel 40 V (D-S) MOSFET
logo
Toshiba Semiconductor
TPCA8021-H TOSHIBA-TPCA8021-H Datasheet
303Kb / 7P
High Efficiency DC竊뢈C Converter Applications
TPCA8021-H TOSHIBA-TPCA8021-H Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results


Similar Description - TPCA8022-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8010-H TOSHIBA-TPC8010-H Datasheet
342Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
TPCA8004-H TOSHIBA-TPCA8004-H Datasheet
296Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPC8009-H TOSHIBA-TPC8009-H Datasheet
185Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
TPCA8014-H TOSHIBA-TPCA8014-H Datasheet
41Kb / 4P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCF8201 TOSHIBA-TPCF8201 Datasheet
187Kb / 7P
Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC8020-H TOSHIBA-TPC8020-H Datasheet
88Kb / 7P
Field Effect Transistor Silicon N Channel MOS Type (Ultra High-Speed U-MOSIII)
TPCM8001-H TOSHIBA-TPCM8001-H_07 Datasheet
306Kb / 7P
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPCP8001-H TOSHIBA-TPCP8001-H Datasheet
249Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCP8003-H TOSHIBA-TPCP8003-H Datasheet
248Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPC8020-H TOSHIBA-TPC8020-H_06 Datasheet
458Kb / 7P
Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com