Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11208 Datasheet (PDF) - Maxim Integrated Products

MAX11208 Datasheet PDF - Maxim Integrated Products
Part # MAX11208
Download  MAX11208 Download
File Size   1689.95 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADC with 2-Wire Serial Interface

MAX11208 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11208 Datasheet PDF - Maxim Integrated Products

Part # MAX11208
Download  MAX11208 Click to download

File Size   1689.95 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADC with 2-Wire Serial Interface

MAX11208 Datasheet (HTML) - Maxim Integrated Products


MAX11208 Product details

General Description
The MAX11208 is an ultra-low-power (< 300FA active current), high-resolution, serial-output ADC. This device provides the highest resolution per unit power in the industry and is optimized for applications that require very high dynamic range with low power, such as sensors on a 4mA to 20mA industrial control loop. The MAX11208 provides a high-accuracy internal oscillator that requires no external components.

Features
♦ 20-Bit_Full-Scale_Resolution
   20-Bit_Noise-Free_Resolution_at_13.75sps_
   19-Bit_Noise-Free_Resolution_at_120sps
♦ 720nVRMS_Noise_(MAX11208B)
♦ 3ppm_INL
♦ No_Missing_Codes
♦ Ultra-Low_Power_Dissipation
   Operating_Mode_Current_Drain_<_300µA_(max)_
   Sleep_Mode_Current_Drain_<_0.1µA
♦ 2.7V_to_3.6V_Analog_Supply_Voltage_Range
♦ 1.7V_to_3.6V_Digital_and_I/O_Supply_Voltage_Range
♦ Fully_Differential_Signal_Inputs
♦ Fully_Differential_Reference_Inputs
♦ Internal_System_Clock
♦.4576MHz_(MAX11208A)_
♦.2528MHz_(MAX11208B)
♦ External_Clock
♦ Serial_2-Wire_Interface_(Clock_Input_and_Data_
   Output)
♦ On-Demand_Offset_and_Gain_Self-Calibration
♦ -40°C_to_+85°C_Operating_Temperature_Range
♦ ±2kV_ESD_Protection
♦ Lead(Pb)-Free_and_RoHS-Compliant_µMAX_
   Package
  
Applications
   Sensor Measurement (Temperature and Pressure)
   Portable Instrumentation
   Battery Applications
   Weigh Scales




Similar Part No. - MAX11208

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11208AEUB+ MAXIM-MAX11208AEUB+ Datasheet
1Mb / 14P
20-Bit, Single-Channel, Ultra-Low-Power,Delta-Sigma ADC with 2-Wire Serial Interface
2021
MAX11208BEUB+ MAXIM-MAX11208BEUB+ Datasheet
1Mb / 14P
20-Bit, Single-Channel, Ultra-Low-Power,Delta-Sigma ADC with 2-Wire Serial Interface
2021
MAX11208 MAXIM-MAX11208_V01 Datasheet
1Mb / 14P
20-Bit, Single-Channel, Ultra-Low-Power,Delta-Sigma ADC with 2-Wire Serial Interface
2021
More results


Similar Description - MAX11208

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MAX11202 MAXIM-MAX11202 Datasheet
1Mb / 14P
24-Bit, Single-Channel, Ultra-Low-Power, Delta Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11205 MAXIM-MAX11205 Datasheet
1Mb / 14P
16-Bit, Single-Channel, Ultra-Low Power, Delta-Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11212 MAXIM-MAX11212 Datasheet
1Mb / 14P
18-Bit, Single-Channel, Ultra-Low Power, Delta-Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11201 MAXIM-MAX11201 Datasheet
1Mb / 14P
24-Bit, Single-Channel, Ultra-Low-Power, Delta Sigma ADC with 2-Wire Serial Interface
Rev 0; 6/10
MAX11202 MAXIM-MAX11202_12 Datasheet
1Mb / 14P
24-Bit, Single-Channel, Ultra-Low-Power, Delta Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11212 MAXIM-MAX11212_12 Datasheet
1Mb / 14P
18-Bit, Single-Channel, Ultra-Low Power, Delta-Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11212 MAXIM-MAX11212_V01 Datasheet
944Kb / 14P
18-Bit, Single-Channel, Ultra-Low Power, Delta- Sigma ADC with 2-Wire Serial Interface
2018
MAX11208 MAXIM-MAX11208_V01 Datasheet
1Mb / 14P
20-Bit, Single-Channel, Ultra-Low-Power,Delta-Sigma ADC with 2-Wire Serial Interface
2021
MX7705 MAXIM-MX7705_V01 Datasheet
465Kb / 33P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com