Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11201 Datasheet (PDF) - Maxim Integrated Products

MAX11201 Datasheet PDF - Maxim Integrated Products
Part # MAX11201
Download  MAX11201 Download
File Size   2028.96 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 24-Bit, Single-Channel, Ultra-Low-Power, Delta Sigma ADC with 2-Wire Serial Interface

MAX11201 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11201 Datasheet PDF - Maxim Integrated Products

Part # MAX11201
Download  MAX11201 Click to download

File Size   2028.96 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 24-Bit, Single-Channel, Ultra-Low-Power, Delta Sigma ADC with 2-Wire Serial Interface

MAX11201 Datasheet (HTML) - Maxim Integrated Products


MAX11201 Product details

General Description
The MAX11201 is an ultra-low-power (< 320FA max active current), high-resolution, serial-output ADC. This device provides the highest resolution per unit power in the industry and is optimized for applications that require very high dynamic range with low power such as sensors on a 4mA to 20mA industrial control loop. The MAX11201 provides a high-accuracy internal oscillator that requires no external components.

Features
♦ 23.3-Bit ENOB
    20.6-Bit Noise-Free Resolution at 13.75sps
    19.1-Bit Noise-Free Resolution at 120sps
♦ 700nVRMS Noise ±3.6VFS Input (MAX11201B)
♦ INL: 3ppm (typ), 10ppm (max)
♦ No Missing Codes
♦ Ultra-Low Power Dissipation
    Operating Mode Current Drain < 320µA (max)
    Sleep Mode Current Drain < 0.4µA
♦ 2.7V to 3.6V Analog Supply Voltage Range
♦ 1.7V to 3.6V Digital and I/O Supply Voltage Range
♦ Fully Differential Signal and Reference Inputs
♦ High-Impedance Inputs
    Buffers on Signal Inputs
♦ Programmable Internal System Clock or External Clock
    2.4576MHz (MAX11201A)
    2.25275MHz (MAX11201B)
♦ > 100dB (min) 50Hz/60Hz Rejection (MAX11201B)
♦ Serial 2-Wire Interface (Clock Input and Data Output)
♦ On-Demand Offset and Gain Self-Calibration
♦ -40°C to +85°C Operating Temperature Range
♦ ±2kV ESD Protection
♦ Lead(Pb)-Free and RoHS-Compliant µMAX Package

Applications
    Sensor Measurement (Temperature and Pressure)
    Portable Instrumentation
    Battery Applications
    Weigh Scales




Similar Part No. - MAX11201

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11200 MAXIM-MAX11200 Datasheet
2Mb / 27P
24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO
Rev 0; 6/10
MAX11200 MAXIM-MAX11200 Datasheet
1Mb / 14P
24-Bit, Single-Channel, Ultra-Low-Power, Delta Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11200 MAXIM-MAX11200 Datasheet
1Mb / 14P
18-Bit, Single-Channel, Ultra-Low Power, Delta-Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11200 MAXIM-MAX11200 Datasheet
1Mb / 19P
On-Board Isolated Power Supplies Rejecting Power Line Noise
Rev 0; 9/10
MAX11200EEE MAXIM-MAX11200EEE Datasheet
1Mb / 19P
MAX11213 Evaluation Kits
Rev 0; 9/10
More results


Similar Description - MAX11201

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7787 AD-AD7787 Datasheet
326Kb / 20P
Low Power, 2-Channel 24-Bit Sigma-Delta ADC
4/04-Revision 0
logo
Maxim Integrated Produc...
MAX11202 MAXIM-MAX11202 Datasheet
1Mb / 14P
24-Bit, Single-Channel, Ultra-Low-Power, Delta Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11205 MAXIM-MAX11205 Datasheet
1Mb / 14P
16-Bit, Single-Channel, Ultra-Low Power, Delta-Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11208 MAXIM-MAX11208 Datasheet
1Mb / 14P
20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11212 MAXIM-MAX11212 Datasheet
1Mb / 14P
18-Bit, Single-Channel, Ultra-Low Power, Delta-Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
logo
Analog Devices
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
logo
Maxim Integrated Produc...
MAX11202 MAXIM-MAX11202_12 Datasheet
1Mb / 14P
24-Bit, Single-Channel, Ultra-Low-Power, Delta Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11212 MAXIM-MAX11212_12 Datasheet
1Mb / 14P
18-Bit, Single-Channel, Ultra-Low Power, Delta-Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11212 MAXIM-MAX11212_V01 Datasheet
944Kb / 14P
18-Bit, Single-Channel, Ultra-Low Power, Delta- Sigma ADC with 2-Wire Serial Interface
2018
MAX11208 MAXIM-MAX11208_V01 Datasheet
1Mb / 14P
20-Bit, Single-Channel, Ultra-Low-Power,Delta-Sigma ADC with 2-Wire Serial Interface
2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com