Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11200 Datasheet (PDF) - Maxim Integrated Products

MAX11200 Datasheet PDF - Maxim Integrated Products
Part # MAX11200
Download  MAX11200 Download
File Size   2053.89 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO

MAX11200 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11200 Datasheet PDF - Maxim Integrated Products

Part # MAX11200
Download  MAX11200 Click to download

File Size   2053.89 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO

MAX11200 Datasheet (HTML) - Maxim Integrated Products


MAX11200 Product details

General Description
The MAX11200/MAX11210 are ultra-low-power (< 300FA active current), high-resolution, serial output ADCs. These devices provide the highest resolution per unit power in the industry, and are optimized for applications that require very high dynamic range with low power, such as sensors on a 4mA to 20mA industrial control loop. Optional input buffers provide isolation of the signal inputs from the switched capacitor sampling network allowing these con verters to be used with high-impedance sources without compromising available dynamic range or linearity. The devices provide a high-accuracy internal oscillator that requires no external components. When used with the specified data rates, the internal digital filter provides more than 100dB rejection of 50Hz or 60Hz line noise. The devices are configurable using the SPI interface and are available in a 16-pin QSOP package.

Benefts and Features
● Minimize Power Consumption with Ultra-Low Power Dissipation
   • Operating-Mode Current Drain < 300µA (max)
   • Sleep-Mode Current Drain < 0.4µA
● Improve Measurement Quality with Excellent DC/AC Accuracy
   • 24.0-Bit ENOB at 5sps
      20.9-Bit Noise-Free Resolution at 10sps
      19-Bit Noise-Free Resolution at 120sps
   • 570nVRMS Noise at 10sps, ±3.6VFS Input
   • 1ppm INL (typ), 10ppm (max) and No Missing Codes
● Lower System Cost with Integrated Functionality
   • Programmable Gain (1 to 16) (MAX11210)
   • Four SPI-Controlled GPIOs for External Mux Control
   • Optional Input Buffers on Both Signal and Reference Inputs
   • > 100dB (min) 50Hz/60Hz Rejection
● Increase System Accuracy with Built-In Self Calibration
   • On-Demand Offset and Gain Self-Calibration and System Calibration
   • User-Programmable Offset and Gain Registers
● Increase System Robustness and Reliability with ±2kV ESD Protection
● 2.7V to 3.6V Analog Supply Range
● 1.7V to 3.6V Digital and I/O Supply Range
● -40°C to 85°C Operating Temperature Range

Applications
   Sensor Measurement (Temperature and Pressure)
   Portable Instrumentation
   Battery Applications
   Weigh Scales




Similar Part No. - MAX11200

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11200 MAXIM-MAX11200 Datasheet
1Mb / 14P
24-Bit, Single-Channel, Ultra-Low-Power, Delta Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11200 MAXIM-MAX11200 Datasheet
1Mb / 14P
18-Bit, Single-Channel, Ultra-Low Power, Delta-Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11200 MAXIM-MAX11200 Datasheet
1Mb / 19P
On-Board Isolated Power Supplies Rejecting Power Line Noise
Rev 0; 9/10
MAX11200EEE MAXIM-MAX11200EEE Datasheet
1Mb / 19P
MAX11213 Evaluation Kits
Rev 0; 9/10
MAX11200EEE+ MAXIM-MAX11200EEE+ Datasheet
1Mb / 19P
On-Board Isolated Power Supplies Rejecting Power Line Noise
Rev 0; 9/10
More results


Similar Description - MAX11200

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11203 MAXIM-MAX11203 Datasheet
2Mb / 27P
16-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
Rev 0; 6/10
MAX11206 MAXIM-MAX11206 Datasheet
1Mb / 27P
20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
Rev 0; 8/10
MAX11209 MAXIM-MAX11209 Datasheet
1Mb / 27P
18-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
19-5473; Rev 0; 8/10
MAX11200 MAXIM-MAX11200_12 Datasheet
1Mb / 27P
24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO
Rev 1; 10/12
logo
Analog Devices
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
logo
Maxim Integrated Produc...
MAX11200 MAXIM-MAX11200_V01 Datasheet
1Mb / 26P
24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO
2014
MAX11203 MAXIM-MAX11203_V01 Datasheet
1Mb / 26P
16-Bit, Single-Channel, Ultra-Low-Power, Delta- Sigma ADCs with Programmable Gain and GPIO
2014
MAX11206 MAXIM-MAX11206_V01 Datasheet
2Mb / 27P
20-Bit, Single-Channel, Ultra-Low-Power, Delta- Sigma ADCs with Programmable Gain and GPIO
2012
MAX11209 MAXIM-MAX11209_V01 Datasheet
2Mb / 27P
18-Bit, Single-Channel, Ultra-Low-Power, Delta- Sigma ADCs with Programmable Gain and GPIO
2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com