Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11203 Datasheet (PDF) - Maxim Integrated Products

MAX11203 Datasheet PDF - Maxim Integrated Products
Part # MAX11203
Download  MAX11203 Download
File Size   2179.88 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 16-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO

MAX11203 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11203 Datasheet PDF - Maxim Integrated Products

Part # MAX11203
Download  MAX11203 Click to download

File Size   2179.88 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 16-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO

MAX11203 Datasheet (HTML) - Maxim Integrated Products


MAX11203 Product details

General Description
The MAX11203/MAX11213 are ultra-low-power (< 300µA active current), high-resolution, serial-output ADCs. These devices provide the highest resolution per unit power in the industry, and are optimized for applications that require very high dynamic range with low power, such as sensors on a 4mA to 20mA industrial control loop.

Benefts and Features
● Minimize Power Consumption with Ultra-Low Power
   Dissipation
   • Operating-Mode Current Drain < 300µA (max)
   • Sleep-Mode Current Drain < 0.4µA
● Improve Measurement Quality with Excellent DC/AC
   Accuracy
   • 16-Bit Noise-Free Resolution and No Missing
      Codes
   • 570nVRMS Noise at 10sps, ±3.6VFS Input
   • 3ppm INL (typ), 20ppm (max)
● Lower System Cost with Integrated Functionality
   • Programmable Gain (1 to 128) (MAX11213)
   • Four SPI-Controlled GPIOs for External Mux Control
   • Optional Input Buffers on Both Signal and
      Reference Inputs
   • > 100dB (min) 50Hz/60Hz Rejection
● Increase System Accuracy with Built-in Self
   Calibration
   • On-Demand Offset and Gain Self-Calibration and
      System Calibration
   • User-Programmable Offset and Gain Registers
● Increase System Robustness and Reliability with
   ±2kV ESD Protection
   • 2.7V to 3.6V Analog Supply Range
   • 1.7V to 3.6V Digital and I/O Supply Range
   • -40°C to 85°C Operating Temperature Range

Applications
   Sensor Measurement (Temperature and Pressure)
   Portable Instrumentation
   Battery Applications
   Weigh Scales




Similar Part No. - MAX11203

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11203 MAXIM-MAX11203 Datasheet
1Mb / 14P
24-Bit, Single-Channel, Ultra-Low-Power, Delta Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11203 MAXIM-MAX11203 Datasheet
1Mb / 14P
18-Bit, Single-Channel, Ultra-Low Power, Delta-Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11203EEE+ MAXIM-MAX11203EEE+ Datasheet
1Mb / 26P
16-Bit, Single-Channel, Ultra-Low-Power, Delta- Sigma ADCs with Programmable Gain and GPIO
2014
MAX11203 MAXIM-MAX11203_V01 Datasheet
1Mb / 26P
16-Bit, Single-Channel, Ultra-Low-Power, Delta- Sigma ADCs with Programmable Gain and GPIO
2014
More results


Similar Description - MAX11203

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11200 MAXIM-MAX11200 Datasheet
2Mb / 27P
24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO
Rev 0; 6/10
MAX11206 MAXIM-MAX11206 Datasheet
1Mb / 27P
20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
Rev 0; 8/10
MAX11209 MAXIM-MAX11209 Datasheet
1Mb / 27P
18-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
19-5473; Rev 0; 8/10
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
MAX11200 MAXIM-MAX11200_12 Datasheet
1Mb / 27P
24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO
Rev 1; 10/12
MAX11200 MAXIM-MAX11200_V01 Datasheet
1Mb / 26P
24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO
2014
MAX11203 MAXIM-MAX11203_V01 Datasheet
1Mb / 26P
16-Bit, Single-Channel, Ultra-Low-Power, Delta- Sigma ADCs with Programmable Gain and GPIO
2014
MAX11206 MAXIM-MAX11206_V01 Datasheet
2Mb / 27P
20-Bit, Single-Channel, Ultra-Low-Power, Delta- Sigma ADCs with Programmable Gain and GPIO
2012
MAX11209 MAXIM-MAX11209_V01 Datasheet
2Mb / 27P
18-Bit, Single-Channel, Ultra-Low-Power, Delta- Sigma ADCs with Programmable Gain and GPIO
2012
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com