Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11209 Datasheet (PDF) - Maxim Integrated Products

MAX11209 Datasheet PDF - Maxim Integrated Products
Part # MAX11209
Download  MAX11209 Download
File Size   2041.68 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 18-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO

MAX11209 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11209 Datasheet PDF - Maxim Integrated Products

Part # MAX11209
Download  MAX11209 Click to download

File Size   2041.68 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 18-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO

MAX11209 Datasheet (HTML) - Maxim Integrated Products


MAX11209 Product details

General Description
The MAX11209/MAX11211 are ultra-low-power (< 300FA active current), high-resolution, serial-output ADCs. These devices provide the highest resolution per unit power in the industry, and are optimized for applications that require very high dynamic range with low power, such as sensors on a 4mA to 20mA industrial control loop.

Features
♦ 18-Bit Noise-Free Resolution
♦ 570nVRMS Noise at 10sps, ±3.6VFS Input
♦ 3ppm INL (typ), 15ppm (max)
♦ No Missing Codes
♦ Ultra-Low Power Dissipation
   Operating-Mode Current Drain < 300µA (max)
   Sleep-Mode Current Drain < 0.4µA
♦ Programmable Gain (1 to 128) (MAX11209)
♦ Four SPI-Controlled GPIOs for External Mux
   Control
♦ 2.7V to 3.6V Analog Supply Voltage Range
♦ 1.7V to 3.6V Digital and I/O Supply Voltage Range
♦ Fully Differential Signal and Reference Inputs
♦ High-Impedance Inputs
   Optional Input Buffers on Both Signal and
   Reference Inputs
♦ > 100dB (min) 50Hz/60Hz Rejection
♦ SPI-, QSPI™-, MICROWIRE™-Compatible Serial
   Interface
♦ On-Demand Offset and Gain Self-Calibration and
   System Calibration
♦ User-Programmable Offset and Gain Registers
♦ -40°C to +85°C Operating Temperature Range
♦ ±2kV ESD Protection
♦ Lead(Pb)-Free and RoHS-Compliant QSOP
   Package
  
Applications
   Sensor Measurement (Temperature and Pressure)
   Portable Instrumentation
   Battery Applications
   Weigh Scales




Similar Part No. - MAX11209

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11209 MAXIM-MAX11209 Datasheet
1Mb / 14P
24-Bit, Single-Channel, Ultra-Low-Power, Delta Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11209 MAXIM-MAX11209 Datasheet
1Mb / 14P
18-Bit, Single-Channel, Ultra-Low Power, Delta-Sigma ADC with 2-Wire Serial Interface
Rev 0; 4/10
MAX11209EEE MAXIM-MAX11209EEE Datasheet
1Mb / 19P
MAX11213 Evaluation Kits
Rev 0; 9/10
MAX11209EEE+ MAXIM-MAX11209EEE+ Datasheet
1Mb / 19P
On-Board Isolated Power Supplies Rejecting Power Line Noise
Rev 0; 9/10
MAX11209EEE+ MAXIM-MAX11209EEE+ Datasheet
2Mb / 27P
18-Bit, Single-Channel, Ultra-Low-Power, Delta- Sigma ADCs with Programmable Gain and GPIO
2012
More results


Similar Description - MAX11209

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3550 MICROCHIP-MCP3550_09 Datasheet
885Kb / 36P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2009
logo
Maxim Integrated Produc...
MAX11200 MAXIM-MAX11200 Datasheet
2Mb / 27P
24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO
Rev 0; 6/10
MAX11203 MAXIM-MAX11203 Datasheet
2Mb / 27P
16-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
Rev 0; 6/10
MAX11206 MAXIM-MAX11206 Datasheet
1Mb / 27P
20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
Rev 0; 8/10
MAX11200 MAXIM-MAX11200_12 Datasheet
1Mb / 27P
24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO
Rev 1; 10/12
logo
Microchip Technology
MCP355XDV-MS1 MICROCHIP-MCP355XDV-MS1 Datasheet
885Kb / 36P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
logo
Maxim Integrated Produc...
MAX11200 MAXIM-MAX11200_V01 Datasheet
1Mb / 26P
24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO
2014
MAX11203 MAXIM-MAX11203_V01 Datasheet
1Mb / 26P
16-Bit, Single-Channel, Ultra-Low-Power, Delta- Sigma ADCs with Programmable Gain and GPIO
2014
MAX11206 MAXIM-MAX11206_V01 Datasheet
2Mb / 27P
20-Bit, Single-Channel, Ultra-Low-Power, Delta- Sigma ADCs with Programmable Gain and GPIO
2012
MAX11209 MAXIM-MAX11209_V01 Datasheet
2Mb / 27P
18-Bit, Single-Channel, Ultra-Low-Power, Delta- Sigma ADCs with Programmable Gain and GPIO
2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com