Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX98302 Datasheet (PDF) - Maxim Integrated Products

MAX98302 Datasheet PDF - Maxim Integrated Products
Part # MAX98302
Download  MAX98302 Download
File Size   1780.66 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Srereo 2.4W Class D Amplifier

MAX98302 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX98302 Datasheet PDF - Maxim Integrated Products

Part # MAX98302
Download  MAX98302 Click to download

File Size   1780.66 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Srereo 2.4W Class D Amplifier

MAX98302 Datasheet (HTML) - Maxim Integrated Products


MAX98302 Product details

General Description
The MAX98302 stereo 2.4W Class D amplifier provides Class AB audio performance with Class D efficiency. This device offers five selectable gain settings (6dB, 9dB, 12dB, 15dB, and 18dB) set by a single gain-select input (GAIN).

Features
♦ Industry-Leading Quiescent Current: 1.65mA at 3.7V, 2.25mA at 5V
♦ Spread Spectrum and Active Emissions Limiting
♦ Five Selectable Gains
♦ High -67dB PSRR at 217Hz
♦ Click-and-Pop Suppression
♦ Thermal and Overcurrent Protection
♦ Low-Current Shutdown Mode
♦ Space-Saving, 3mm x 3mm x 0.75mm, 14-Pin TDFN-EP Package

Applications
    Notebook and Netbook Computers
    Cellular Phones
    MP3 Players
    Portable Audio Players
    VoIP Phones




Similar Part No. - MAX98302

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98302 MAXIM-MAX98302 Datasheet
1Mb / 6P
2.6V to 5.5V Single-Supply Operation
19-5218; Rev 0; 4/10
MAX98302EVKIT MAXIM-MAX98302EVKIT Datasheet
1Mb / 6P
2.6V to 5.5V Single-Supply Operation
19-5218; Rev 0; 4/10
MAX98302EVKIT+ MAXIM-MAX98302EVKIT+ Datasheet
1Mb / 6P
2.6V to 5.5V Single-Supply Operation
19-5218; Rev 0; 4/10
More results


Similar Description - MAX98302

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
YD2025H YOUDA-YD2025H Datasheet
150Kb / 4P
2.4W STEREO AUDIO AMPLIFIER
logo
Maxim Integrated Produc...
MAX9730 MAXIM-MAX9730 Datasheet
284Kb / 14P
2.4W, Single-Supply, Class G Power Amplifier
Rev 0; 12/06
MAX9730 MAXIM-MAX9730_07 Datasheet
316Kb / 15P
2.4W, Single-Supply, Class G Power Amplifier
Rev 1; 11/07
MAX9730 MAXIM-MAX9730_10 Datasheet
192Kb / 12P
2.4W, Single-Supply, Class G Power Amplifier
Rev 5; 3/10
logo
Eutech Microelectronics...
EUA6230 EUTECH-EUA6230 Datasheet
130Kb / 1P
2.4W, Mono Class G Audio Power Amplifier with AGC
logo
Anpec Electronics Corop...
APA2060 ANPEC-APA2060 Datasheet
594Kb / 30P
2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
APA2061 ANPEC-APA2061 Datasheet
595Kb / 29P
2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB Cap-free
logo
Global Mixed-mode Techn...
G1901 GMT-G1901 Datasheet
42Kb / 1P
2.4W Mono Class-D Audio Amplifier with Shutdown Mode
logo
Texas Instruments
TAS5729MD TI1-TAS5729MD_16 Datasheet
3Mb / 65P
Input Class-D Amplifier
logo
List of Unclassifed Man...
CM8602B ETC2-CM8602B Datasheet
231Kb / 4P
2.4W Audio Amplifier Stereo
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com