Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G1901 Datasheet (PDF) - Global Mixed-mode Technology Inc

G1901 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G1901
Download  G1901 Download
File Size   42.96 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 2.4W Mono Class-D Audio Amplifier with Shutdown Mode

G1901 Datasheet (PDF)

Go To PDF Page Download Datasheet
G1901 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G1901
Download  G1901 Click to download

File Size   42.96 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 2.4W Mono Class-D Audio Amplifier with Shutdown Mode

G1901 Datasheet (HTML) - Global Mixed-mode Technology Inc


G1901 Product details

General Description
The G1901 is a mono class-D audio power amplifier in MSOP-10 (FD), TDFN3X3-10 and WLCSP3X3-9 with thermal pad package. It can drive 2W continuous RMS power into 4Ω load in Bridge-Tied Load (BTL) mode at 5V supply voltage. Its THD is smaller than 1% under the above operation condition. For the low current consumption applications, the SHDN mode is supported to disable the G1901 when it is idle. The current consumption can be further reduced to below 1µA.

Features
● Depop Circuitry Integrated
● 2.8V to 5.5V Operation
● Output Power at 1% THD+N, VDD=5V
    --2W (typical) into a 4Ω Load
    --1.2W (typical) into a 8Ω Load
● Mono Bridge-Tied Load (BTL)
● Shutdown Control Available
● MSOP-10 (FD), TDFN3X3-10 and WLCSP3X3-9 Package Available

Applications
● PDAs
● Mobile Phone
● Portable Devices
● Notebook




Similar Part No. - G1901

ManufacturerPart #DatasheetDescription
logo
AU Optronics Corp.,
G190EAN01.0 AUO-G190EAN01.0 Datasheet
2Mb / 30P
19.0inch SXGA Color TFT-LCD
G190EG01 AUO-G190EG01 Datasheet
846Kb / 33P
19.0inch SXGA Color TFT-LCD
G190EG01V1 AUO-G190EG01V1 Datasheet
846Kb / 33P
19.0inch SXGA Color TFT-LCD
More results


Similar Description - G1901

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6230 EUTECH-EUA6230 Datasheet
130Kb / 1P
2.4W, Mono Class G Audio Power Amplifier with AGC
logo
Global Mixed-mode Techn...
G1442 GMT-G1442 Datasheet
848Kb / 1P
2.6W Mono Audio Amplifier with Shutdown Mode
G1445 GMT-G1445 Datasheet
477Kb / 1P
2.6W Mono Audio Amplifier with Shutdown Mode
logo
Texas Instruments
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
Class-D Mono Audio Amplifier
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
3W MONO CLASS D AUDIO AMPLIFIER
Rev 1
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 1
logo
SHOUDING Shouding Semic...
SD8002A SHOUDING-SD8002A Datasheet
1Mb / 10P
3W Mono with Shutdown Mode Audio Power Amplifier
SD8002D SHOUDING-SD8002D Datasheet
635Kb / 3P
3W Mono with Shutdown Mode Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HM8002 HMSEMI-HM8002 Datasheet
394Kb / 8P
3W mono audio power amplifier with shutdown mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com