Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G1445 Datasheet (PDF) - Global Mixed-mode Technology Inc

G1445 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G1445
Download  G1445 Download
File Size   477.79 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 2.6W Mono Audio Amplifier with Shutdown Mode

G1445 Datasheet (PDF)

Go To PDF Page Download Datasheet
G1445 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G1445
Download  G1445 Click to download

File Size   477.79 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 2.6W Mono Audio Amplifier with Shutdown Mode

G1445 Datasheet (HTML) - Global Mixed-mode Technology Inc


G1445 Product details

General Description
The G1445 is a mono audio power amplifier in MSOP-8 (FD), TDFN3X3-8 and WLCSP2X4-8 package. It can drive 2W continuous RMS power into 4Ω load in Bridge- Tied Load (BTL) mode at 5V supply voltage. Its THD is smaller than 1% under the above operation condition. For the low current consumption applications, the SHDN mode is supported to disable the G1445 when it is idle. The current consumption can be further reduced to below 1µA.

Features
● Depop Circuitry Integrated
● 2.7V to 5.5V Operation
● Output Power at 10% THD+N, VDD=5V
   --2.6W (typical) into a 3Ω Load
● Output Power at 1% THD+N, VDD=5V
   --2W (typical) into a 4Ω Load
   --1.3W (typical) into a 8Ω Load
● Mono Bridge-Tied Load (BTL)
● Shutdown Control Available
● MSOP-8 (FD) , TDFN3X3-8 Package & WLCSP2X4-8 Available

Applications
● PDAs
● Portable Devices
● Notebook




Similar Part No. - G1445

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1442 GMT-G1442 Datasheet
848Kb / 1P
2.6W Mono Audio Amplifier with Shutdown Mode
More results


Similar Description - G1445

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98300 MAXIM-MAX98300 Datasheet
1Mb / 14P
Mono 2.6W Class D Amplifier
Rev 0; 7/10
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Global Mixed-mode Techn...
G1442 GMT-G1442 Datasheet
848Kb / 1P
2.6W Mono Audio Amplifier with Shutdown Mode
G1453 GMT-G1453 Datasheet
490Kb / 1P
2.6W Stereo Audio Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
Audio Power Amplifier with Shutdown Mode
logo
Global Mixed-mode Techn...
G1901 GMT-G1901 Datasheet
42Kb / 1P
2.4W Mono Class-D Audio Amplifier with Shutdown Mode
logo
SHOUDING Shouding Semic...
SD8002A SHOUDING-SD8002A Datasheet
1Mb / 10P
3W Mono with Shutdown Mode Audio Power Amplifier
SD8002D SHOUDING-SD8002D Datasheet
635Kb / 3P
3W Mono with Shutdown Mode Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HM8002 HMSEMI-HM8002 Datasheet
394Kb / 8P
3W mono audio power amplifier with shutdown mode
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com