Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G1453 Datasheet (PDF) - Global Mixed-mode Technology Inc

G1453 Datasheet PDF - Global Mixed-mode Technology Inc
Part # G1453
Download  G1453 Download
File Size   490.05 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 2.6W Stereo Audio Amplifier with Shutdown Mode

G1453 Datasheet (PDF)

Go To PDF Page Download Datasheet
G1453 Datasheet PDF - Global Mixed-mode Technology Inc

Part # G1453
Download  G1453 Click to download

File Size   490.05 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 2.6W Stereo Audio Amplifier with Shutdown Mode

G1453 Datasheet (HTML) - Global Mixed-mode Technology Inc


G1453 Product details

General Description
The G1453/G1453L is a stereo audio power amplifier in 16 pin TQFN3X3-16 with thermal pad package. It can drive 2W continuous RMS power into 4Ω load in Bridge-Tied Load (BTL) mode at 5V supply voltage. Its THD is smaller than 1% under the above operation condition. For the low current consumption applications, the SHUTDOWN mode is supported to disable the G1453/G1453L when it is idle. The current consumption can be further reduced to below 1µA.

Features
● Depop Circuitry Integrated
● 3V to 5.5V Operation
● Output Power at 10% THD+N, VDD=5V
   --2.6W (typical) into a 3Ω Load
● Output Power at 1% THD+N, VDD=5V
   --2W (typical) into a 4Ω Load
   --1.3W (typical) into a 8Ω Load
● Stereo Bridge-Tied Load (BTL)
● Shutdown Control Available
● TQFN3X3-16 Package Available

Applications
● PDAs
● Portable Devices
● Notebook




Similar Part No. - G1453

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
2.4W Stereo Audio Amplifier with DC Volume Control
G1454 GMT-G1454 Datasheet
398Kb / 1P
2.0W Stereo Audio Amplifier with Shutdown Mode
G1454L GMT-G1454L Datasheet
398Kb / 1P
2.0W Stereo Audio Amplifier with Shutdown Mode
logo
Roithner LaserTechnik G...
G145PU23W ROITHNER-G145PU23W Datasheet
129Kb / 3P
High Power Fiber Coupled Infrared Laser Diode
G145PU38W ROITHNER-G145PU38W Datasheet
134Kb / 3P
High Power Fiber Coupled Infrared Laser Diode
More results


Similar Description - G1453

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2030 ANPEC-APA2030 Datasheet
746Kb / 27P
Stereo 2.6W Audio Amplifier(With Gain Control)
logo
Unisonic Technologies
PA3332 UTC-PA3332 Datasheet
271Kb / 10P
2.6W STEREO AUDIO AMPLIFIER
logo
Integrated Silicon Solu...
IS31AP4088D ISSI-IS31AP4088D Datasheet
456Kb / 16P
DUAL 2.6W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1442 GMT-G1442 Datasheet
848Kb / 1P
2.6W Mono Audio Amplifier with Shutdown Mode
G1445 GMT-G1445 Datasheet
477Kb / 1P
2.6W Mono Audio Amplifier with Shutdown Mode
G1454 GMT-G1454 Datasheet
398Kb / 1P
2.0W Stereo Audio Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4865 SGMICRO-SGM4865 Datasheet
320Kb / 10P
2.6W Stereo Audio Power Amplifier
logo
Unisonic Technologies
PA3332 UTC-PA3332_15 Datasheet
285Kb / 9P
2.6W STEREO AUDIO AMPLIFIER
logo
Global Mixed-mode Techn...
G1432 GMT-G1432_15 Datasheet
121Kb / 2P
2.6W Stereo Audio Amplifier
logo
Integrated Silicon Solu...
IS31AP4088D-QFLS2-TR ISSI-IS31AP4088D-QFLS2-TR Datasheet
496Kb / 15P
DUAL 2.6W STEREO AUDIO AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com