Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G1901 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G1901
Description  2.4W Mono Class-D Audio Amplifier with Shutdown Mode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1901 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G1901 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 1.0
Nov 12, 2010
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G1901
Global Mixed-mode Technology Inc.
2.4W Mono Class-D Audio Amplifier with Shutdown Mode
Features
Depop Circuitry Integrated
2.8V to 5.5V Operation
Output Power at 1% THD+N, VDD=5V
--2W (typical) into a 4
Ω Load
--1.2W (typical) into a 8
Ω Load
Mono Bridge-Tied Load (BTL)
Shutdown Control Available
MSOP-10 (FD), TDFN3X3-10 and WLCSP3X3-9
Package Available
Applications
PDAs
Mobile Phone
Portable Devices
Notebook
General Description
The G1901 is a mono class-D audio power amplifier in
MSOP-10 (FD), TDFN3X3-10 and WLCSP3X3-9 with
thermal pad package. It can drive 2W continuous RMS
power into 4
Ω load in Bridge-Tied Load (BTL) mode at
5V supply voltage. Its THD is smaller than 1% under
the above operation condition. For the low current
consumption applications, the SHDN mode is sup-
ported to disable the G1901 when it is idle. The cur-
rent consumption can be further reduced to below
1µA.
Giving the SHUTDOWN pin low level will drive the
G1901 entering the shutdown.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G1901F61U
G1901
-40°C to +85°C
MSOP-10 (FD)
G1901RE1U
1901
-40°C to +85°C
TDFN3X3-10
G1901B91U
1901
-40°C to +85°C
WLCSP3X3-9
Note:F6: MSOP-10 (FD)
RE: TDFN3X3-10
B9: WLCSP3X3-9
1: Bonding Code
U: Tape & Reel
Pin Configuration
PVDD
VO-
PGND
VO+
SHUTDOWN
Note: Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.
10
8
7
1
2
3
4
IN+
GND
VDD
NC
MSOP-10 (FD)
G1901
9
6
5IN-
Thermal
Pad
TDFN3X3-10
4
G1901
1
2
3
8
7
6
5
9
10
4
1
2
3
8
7
6
5
9
10
Thermal
Pad
PVDD
VO-
PGND
VO+
SHUTDOWN
IN+
GND
VDD
NC
IN-
G1901
Bottom View
WLCSP3X3-9
A3
A2
A1
B3
C3
B2
B1
C2
C1
VO-
GND
IN+
PGND
PVDD
VDD
VO+
SHUTDOWN
IN-
PVDD
VO-
PGND
VO+
SHUTDOWN
PVDD
VO-
PGND
VO+
SHUTDOWN
Note: Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.
10
8
7
1
2
3
4
IN+
GND
VDD
NC
MSOP-10 (FD)
G1901
9
6
5IN-
Thermal
Pad
TDFN3X3-10
4
G1901
1
2
3
8
7
6
5
9
10
4
1
2
3
8
7
6
5
9
10
Thermal
Pad
PVDD
VO-
PGND
VO+
SHUTDOWN
IN+
GND
VDD
NC
IN-
G1901
Bottom View
WLCSP3X3-9
A3
A2
A1
B3
C3
B2
B1
C2
C1
VO-
GND
IN+
PGND
PVDD
VDD
VO+
SHUTDOWN
IN-


Similar Part No. - G1901

ManufacturerPart #DatasheetDescription
logo
AU Optronics Corp.,
G190EAN01.0 AUO-G190EAN01.0 Datasheet
2Mb / 30P
19.0inch SXGA Color TFT-LCD
G190EG01 AUO-G190EG01 Datasheet
846Kb / 33P
19.0inch SXGA Color TFT-LCD
G190EG01V1 AUO-G190EG01V1 Datasheet
846Kb / 33P
19.0inch SXGA Color TFT-LCD
More results

Similar Description - G1901

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA6230 EUTECH-EUA6230 Datasheet
130Kb / 1P
2.4W, Mono Class G Audio Power Amplifier with AGC
logo
Global Mixed-mode Techn...
G1442 GMT-G1442 Datasheet
848Kb / 1P
2.6W Mono Audio Amplifier with Shutdown Mode
G1445 GMT-G1445 Datasheet
477Kb / 1P
2.6W Mono Audio Amplifier with Shutdown Mode
logo
Texas Instruments
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
Class-D Mono Audio Amplifier
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
3W MONO CLASS D AUDIO AMPLIFIER
Rev 1
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 1
logo
SHOUDING Shouding Semic...
SD8002A SHOUDING-SD8002A Datasheet
1Mb / 10P
3W Mono with Shutdown Mode Audio Power Amplifier
SD8002D SHOUDING-SD8002D Datasheet
635Kb / 3P
3W Mono with Shutdown Mode Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HM8002 HMSEMI-HM8002 Datasheet
394Kb / 8P
3W mono audio power amplifier with shutdown mode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com