Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1947 Datasheet (PDF) - Microchip Technology

PIC16F1947 Datasheet PDF - Microchip Technology
Part # PIC16F1947
Download  PIC16F1947 Download
File Size   4740.21 Kbytes
Page   440 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology

PIC16F1947 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F1947 Datasheet PDF - Microchip Technology

Part # PIC16F1947
Download  PIC16F1947 Click to download

File Size   4740.21 Kbytes
Page   440 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology

PIC16F1947 Datasheet (HTML) - Microchip Technology


PIC16F1947 Product details

High-Performance RISC CPU:

• Only 49 Instructions to Learn

• Operating Speed:

   - DC – 32 MHz clock input

   - DC – 125 ns instruction cycle

• Interrupt Capability with Automatic Context Saving

• 16-Level Deep Hardware Stack with Optional Overflow/Underflow Reset

• Direct, Indirect and Relative Addressing modes:

   - Two full 16-bit File Select Registers (FSRs)

   - FSRs can read program and data memory



Special Microcontroller Features:

• Precision Internal Oscillator:

   - Factory calibrated to ±1%, typical

   - Software selectable frequency range from 32 MHz to 31 kHz

• 31 kHz Low-Power Internal Oscillator

• External Oscillator Block with:

   - 4 crystal/resonator modes up to 32 MHz

   - 3 external clock modes up to 32 MHz

• 4x Phase Locked Loop (PLL)

• Fail-Safe Clock Monitor

• Two-Speed Start-up

• Power-Saving Sleep mode

• Power-on Reset (POR)

• Power-up Timer (PWRT)

• Oscillator Start-up Timer (OST)

• Brown-out Reset (BOR) with Selectable Trip Point

• Extended Watch-Dog Timer (WDT)

• In-Circuit Serial Programming™ (ICSP™) via two pins

• In-Circuit Debug (ICD) via Two Pins

• Enhanced Low-Voltage Programming (LVP)

• Operating Voltage Range:

   - 1.8V to 3.6V (PIC16LF194X)

   - 1.8V to 5.5V (PIC16F194X)

• Programmable Code Protection

• Self-Programmable under Software Control



Low-Power Features:

• Standby Current (PIC16LF194X):

   - 100 nA @ 1.8V, typical

• Operating Current (PIC16LF194X):

   - 150 μA @ 1 MHz, 1.8V, typical

• Low-Power Watchdog Timer Current (PIC16LF194X):

   - 1.0 μA @ 1.8V, typical

  

Peripheral Features:

• Integrated LCD Controller:

   - Up to 184 segments

   - Variable clock input

   - Contrast control

   - Internal voltage reference selections

• Up to 53 I/O Pins and 1 Input-only Pin:

   - High current sink/source for LED drivers

   - Individually programmable interrupt-on change pins

   - Individually programmable weak pull-ups

• Timer0: 8-Bit Timer/Counter with 8-Bit Programmable Prescaler

• Enhanced Timer1:

   - 16-bit timer/counter with prescaler

   - External Gate Input mode

   - Dedicated low-power 32 kHz oscillator driver

• Timer2, 4, 6: 8-Bit Timer/Counter with 8-Bit Period Register, Prescaler and Postscaler

• Two Capture/Compare/PWM modules (CCP):

   - Software selectable time bases

• Three Enhanced Capture, Compare, PWM modules (ECCP):

   - Software selectable time bases

   - Auto-shutdown and auto-restart

   - PWM steering

• Two Master Synchronous Serial Ports (MSSP) with SPI and I2CTM with:

   - 7-bit address masking

   - SMBus/PMBusTM compatibility

• Two Enhanced Universal Synchronous Asynchronous Receiver Transmitters (EUSART):

   - RS-232, RS-485 and LIN compatible

   - Auto-Baud Detect

   - Auto-wake-up on start

• SR Latch (Integrated 555 Timer):

   - Multiple Set/Reset input options

• Analog-to-Digital Converter (ADC):

   - 10-bit resolution

   - Up to 17 channels

• 3 Comparators:

   - Rail-to-rail inputs/outputs

   - Power mode control

   - Software controllable hysteresis

• Voltage Reference module:

   - Fixed Voltage Reference (FVR) with 1.024V, 2.048V and 4.096V output levels

   - 5-bit rail-to-rail resistive DAC with positive and negative reference selection

• mTouch™ Oscillator Module

   - 17 channels for button, sensor, or slider input



 




Similar Part No. - PIC16F1947

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F1947 MICROCHIP-PIC16F1947 Datasheet
3Mb / 448P
64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
2010-2011
PIC16F1947 MICROCHIP-PIC16F1947 Datasheet
197Kb / 6P
64-Pin 8-Bit Flash Microcontroller Product Brief
2008
PIC16F1947 MICROCHIP-PIC16F1947 Datasheet
5Mb / 478P
64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
2010-2012
PIC16F1947 MICROCHIP-PIC16F1947 Datasheet
8Mb / 464P
28-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver with XLP Technology
11/29/11
More results


Similar Description - PIC16F1947

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F946 MICROCHIP-PIC16F946 Datasheet
4Mb / 274P
64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2005
PIC16F913 MICROCHIP-PIC16F913_07 Datasheet
6Mb / 330P
28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
2007
PIC16LF1526 MICROCHIP-PIC16LF1526 Datasheet
2Mb / 354P
64-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16LF1904 MICROCHIP-PIC16LF1904 Datasheet
2Mb / 288P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
2011
PIC16F1946 MICROCHIP-PIC16F1946_11 Datasheet
3Mb / 448P
64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
2010-2011
PIC16F1933 MICROCHIP-PIC16F1933_11 Datasheet
4Mb / 430P
28-Pin Flash-Based, 8-Bit CMOS Microcontrollers LCD Driver and nanoWatt XLP Technology
2011
PIC16LF1946 MICROCHIP-PIC16LF1946_13 Datasheet
5Mb / 478P
64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
2010-2012
PIC16F1933 MICROCHIP-PIC16F1933_12 Datasheet
8Mb / 464P
28-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver with XLP Technology
11/29/11
PIC16LF1906-I MICROCHIP-PIC16LF1906-I Datasheet
2Mb / 288P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
02/17/11
PIC16LF1527-I MICROCHIP-PIC16LF1527-I Datasheet
2Mb / 354P
64-Pin Flash Microcontrollers with nanoWatt XLP Technology
05/02/11
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com