Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE46C163 Datasheet (PDF) - Microchip Technology

RE46C163 Datasheet PDF - Microchip Technology
Part # RE46C163
Download  RE46C163 Download
File Size   262.16 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory

RE46C163 Datasheet (PDF)

Go To PDF Page Download Datasheet
RE46C163 Datasheet PDF - Microchip Technology

Part # RE46C163
Download  RE46C163 Click to download

File Size   262.16 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory

RE46C163 Datasheet (HTML) - Microchip Technology


RE46C163 Product details

Description
The RE46C162/163 devices are low-power, CMOS ionization type, smoke detector ICs. With few external components, these circuits will provide all the required features for an ionization type smoke detector.
An internal oscillator strobes power to the smoke detection circuitry for 10.5 ms every 1.67 seconds to keep standby current to a minimum. A check for a low battery condition is performed every 40 seconds when in standby. The temporal horn pattern supports the NFPA 72 emergency evacuation signal.
An interconnect pin allows multiple detectors to be connected so when one unit alarms, all units will sound. A charge dump feature will quickly discharge the interconnect line when exiting a local alarm. The interconnect input is also digitally filtered.

Features
• Pin Selectable Horn Patterns
• Alarm Memory
• Sensitivity Control Timer:
   - 8 minute Timer for RE46C162
   - 1 minute Timer for RE46C163
• >1500V ESD Protection (HBM) on All Pins
• Guard Outputs for Ion Detector Input
• ±0.75 pA Detect Input Current
• Internal Reverse Battery Protection
• Low Quiescent Current Consumption (<6.5 µA)
• I/O Filter and Charge Dump
• Internal Low Battery Detection
• Power-up Low Battery Test
• Interconnect up to 66 Detectors
• RoHS Compliant, Lead Free Packaging




Similar Part No. - RE46C163

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C165 MICROCHIP-RE46C165 Datasheet
453Kb / 30P
CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C165E MICROCHIP-RE46C165E Datasheet
453Kb / 30P
CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C165E16F MICROCHIP-RE46C165E16F Datasheet
453Kb / 30P
CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C165E16TF MICROCHIP-RE46C165E16TF Datasheet
453Kb / 30P
CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C165S MICROCHIP-RE46C165S Datasheet
453Kb / 30P
CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
More results


Similar Description - RE46C163

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RE46C122 ETC-RE46C122 Datasheet
173Kb / 9P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode Preliminary Product Specification
logo
Microchip Technology
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C126 MICROCHIP-RE46C126 Datasheet
218Kb / 8P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C128 MICROCHIP-RE46C128 Datasheet
223Kb / 8P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C122 MICROCHIP-RE46C122 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C127 MICROCHIP-RE46C127 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C152 MICROCHIP-RE46C152 Datasheet
255Kb / 12P
CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Tone Select
2009
RE46C165 MICROCHIP-RE46C165 Datasheet
453Kb / 30P
CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C180S16F MICROCHIP-RE46C180S16F Datasheet
872Kb / 58P
CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
08/02/11
RE46C180 MICROCHIP-RE46C180 Datasheet
1Mb / 58P
CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
02/28/20
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com