Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB260 Datasheet (PDF) - Zowie Technology Corporation

SB260 Datasheet PDF - Zowie Technology Corporation
Part # SB260
Download  SB260 Download
File Size   45.6 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description SCHOTTKY BARRIER RECTIFIER

SB260 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB260 Datasheet PDF - Zowie Technology Corporation

Part # SB260
Download  SB260 Click to download

File Size   45.6 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description SCHOTTKY BARRIER RECTIFIER

SB260 Datasheet (HTML) - Zowie Technology Corporation


SB260 Product details

Reverse Voltage - 20 to 100 Volts Forward Current - 2.0 Amperes



FEATURES

* Plastic package has Underwriters Laboratory

   Flammability Classifications 94V-0

* Metal silicon junction, majority carrier conduction

* Guardring for overvoltage protection

* Low power loss, high efficiency

* High current capability, low forward voltage drop

* High surge capability

* For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications

* High temperature soldering guaranteed : 260°C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension



 




Similar Part No. - SB260

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB260 PANJIT-SB260 Datasheet
41Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Transys Electronics
SB260 TRSYS-SB260 Datasheet
157Kb / 2P
2 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB260 WTE-SB260 Datasheet
49Kb / 3P
2.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB260 DIODES-SB260 Datasheet
62Kb / 2P
2.0A SCHOTTKY BARRIER RECTIFIER
DS30193 Rev. B-0
logo
EIC discrete Semiconduc...
SB260 EIC-SB260 Datasheet
29Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
More results


Similar Description - SB260

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com