Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMP216 Datasheet (PDF) - Excelics Semiconductor, Inc.

EMP216 Datasheet PDF - Excelics Semiconductor, Inc.
Part # EMP216
Download  EMP216 Download
File Size   260.79 Kbytes
Page   5 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 6 - 18 GHz 2 Watt Power Amplifier MMIC

EMP216 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMP216 Datasheet PDF - Excelics Semiconductor, Inc.

Part # EMP216
Download  EMP216 Click to download

File Size   260.79 Kbytes
Page   5 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 6 - 18 GHz 2 Watt Power Amplifier MMIC

EMP216 Datasheet (HTML) - Excelics Semiconductor, Inc.




Similar Part No. - EMP216

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EMP216MAAF EMLSI-EMP216MAAF Datasheet
471Kb / 11P
2Mx16 Pseudo Static RAM
EMP216MAAF-70E EMLSI-EMP216MAAF-70E Datasheet
471Kb / 11P
2Mx16 Pseudo Static RAM
EMP216MAAW EMLSI-EMP216MAAW Datasheet
388Kb / 10P
2Mx16 Pseudo Static RAM
EMP216MAAW-70E EMLSI-EMP216MAAW-70E Datasheet
388Kb / 10P
2Mx16 Pseudo Static RAM
EMP216MEAF EMLSI-EMP216MEAF Datasheet
621Kb / 15P
2Mx16 Pseudo Static RAM
More results


Similar Description - EMP216

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM26100-B1 MACOM-MAAM26100-B1 Datasheet
105Kb / 2P
Power GaAs MMIC Amplifier 2-6 GHz
MAAM26100-P1 MACOM-MAAM26100-P1 Datasheet
71Kb / 2P
GaAs MMIC Power Amplifier 2 - 6 GHz
logo
Hittite Microwave Corpo...
HMC441LC3B HITTITE-HMC441LC3B Datasheet
259Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
logo
Fairchild Semiconductor
RMPA29200 FAIRCHILD-RMPA29200 Datasheet
256Kb / 10P
29-31 GHZ 2 Watt Power Amplifier MMIC
RMPA61810 FAIRCHILD-RMPA61810 Datasheet
550Kb / 6P
Single Channel 6-18 GHz 1 Watt Power Amplifier MMIC
logo
Raytheon Company
RMPA61800 RAYTHEON-RMPA61800 Datasheet
386Kb / 7P
Dual Channel 6-18 GHz 2 Watt Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC441 HITTITE-HMC441_09 Datasheet
281Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC591 HITTITE-HMC591_09 Datasheet
298Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6 - 10 GHz
logo
TriQuint Semiconductor
TGA2501-GSG TRIQUINT-TGA2501-GSG Datasheet
380Kb / 11P
2.8 Watt 6-18 GHz Power Amplifier
logo
Analog Devices
HMC441 AD-HMC441 Datasheet
372Kb / 8P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com