Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3203 Datasheet (PDF) - Micrel Semiconductor

MIC3203 Datasheet PDF - Micrel Semiconductor
Part # MIC3203
Download  MIC3203 Download
File Size   767.51 Kbytes
Page   21 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High-Brightness LED Driver Controller with High-Side Current Sense

MIC3203 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC3203 Datasheet PDF - Micrel Semiconductor

Part # MIC3203
Download  MIC3203 Click to download

File Size   767.51 Kbytes
Page   21 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High-Brightness LED Driver Controller with High-Side Current Sense

MIC3203 Datasheet (HTML) - Micrel Semiconductor


MIC3203 Product details

General Description
The MIC3203 is a hysteretic, step-down, constant-current, High-Brightness LED (HB LED) driver. It provides an ideal solution for interior/exterior lighting, architectural and ambient lighting, LED bulbs, and other general illumination applications.
The MIC3203 is well suited for lighting applications requiring a wide-input voltage range. The hysteretic control gives good supply rejection and fast response during load transients and PWM dimming. The high-side current sensing and on-chip current-sense amplifier delivers LED current with ±5% accuracy. An external high-side current sense resistor is used to set the output current.
The MIC3203 offers a dedicated PWM input (DIM) which enables a wide range of pulsed dimming. A high-frequency switching operation up to 1.5MHz allows the use of smaller external components minimizing space and cost. The MIC3203 offers frequency dither feature for EMI control.
The MIC3203 operates over a junction temperature from −40°C to +125°C and is available in an 8-pin SOIC package.
A dither disabled version MIC3203-1 is also available in the same package as the MIC3203.

Features
• 4.5V to 42V input voltage range
• High efficiency (>90%)
• ±5% LED current accuracy
• MIC3203: Dither enabled for low EMI
• MIC3203-1: Dither disabled
• High-side current sense
• Dedicated dimming control input
• Hysteretic control (no compensation!)
• Up to 1.5MHz switching frequency
• Adjustable constant LED current
• Over-temperature protection
• −40°C to +125°C junction temperature range

Applications
• Architectural, industrial, and ambient lighting
• LED bulbs
• Indicators and emergency lighting
• Street lighting
• Channel letters
• 12V lighting systems (MR-16 bulbs, under-cabinet
   lighting, garden/pathway lighting)




Similar Part No. - MIC3203

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3201 MICREL-MIC3201 Datasheet
521Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201 MICREL-MIC3201 Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201YME MICREL-MIC3201YME Datasheet
521Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201YME MICREL-MIC3201YME Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MIC3201 MICREL-MIC3201_11 Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
More results


Similar Description - MIC3203

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16822A MAXIM-MAX16822A_10 Datasheet
188Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 1/10
MAX16832A MAXIM-MAX16832A_10 Datasheet
238Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 2/10
logo
Micrel Semiconductor
MIC3201 MICREL-MIC3201 Datasheet
521Kb / 16P
High Brightness LED Driver with High-Side Current Sense
MAQ3203 MICREL-MAQ3203 Datasheet
786Kb / 23P
High-Brightness LED Driver Controller with High-Side Current Sense
MIC3202 MICREL-MIC3202 Datasheet
853Kb / 19P
High-Brightness LED Driver with Integrated MOSFET and High-Side Current Sense
MIC3201 MICREL-MIC3201_11 Datasheet
698Kb / 16P
High Brightness LED Driver with High-Side Current Sense
logo
Maxim Integrated Produc...
MAX16832CASA-T MAXIM-MAX16832CASA-T Datasheet
253Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 6; 7/12
logo
Micrel Semiconductor
MAQ3203YM MICREL-MAQ3203YM Datasheet
786Kb / 23P
High-Brightness LED Driver Controller with High-Side Current Sense
logo
Maxim Integrated Produc...
MAX16832A MAXIM-MAX16832A_15 Datasheet
265Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 7; 2/15
logo
Micrel Semiconductor
MAQ3203 MICREL-MAQ3203_15 Datasheet
1Mb / 23P
High-Brightness LED Driver Controller with High-Side Current Sense
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com