Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5387 Datasheet (PDF) - Micrel Semiconductor

MIC5387 Datasheet PDF - Micrel Semiconductor
Part # MIC5387
Download  MIC5387 Download
File Size   547.86 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Ultra-Small Triple 150mA Output LDO

MIC5387 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5387 Datasheet PDF - Micrel Semiconductor

Part # MIC5387
Download  MIC5387 Click to download

File Size   547.86 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Ultra-Small Triple 150mA Output LDO

MIC5387 Datasheet (HTML) - Micrel Semiconductor




Similar Part No. - MIC5387

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5380 MICREL-MIC5380 Datasheet
351Kb / 12P
High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-1.8/1.2YFT MICREL-MIC5380-1.8/1.2YFT Datasheet
351Kb / 12P
High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.6/2.0YFT MICREL-MIC5380-2.6/2.0YFT Datasheet
351Kb / 12P
High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.7/2.7YFT MICREL-MIC5380-2.7/2.7YFT Datasheet
351Kb / 12P
High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5380-2.8/1.2YFT MICREL-MIC5380-2.8/1.2YFT Datasheet
351Kb / 12P
High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
More results


Similar Description - MIC5387

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
150mA UCap Ultra-Low Dropout LDO Regulator
logo
National Semiconductor ...
LM9076 NSC-LM9076 Datasheet
259Kb / 8P
150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
logo
RICOH electronics devic...
RP104X RICOH-RP104X Datasheet
523Kb / 32P
150mA ULTRA LOW SUPPLY CURRENT LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS4264 TSC-TS4264_07 Datasheet
220Kb / 6P
5V/150mA Fixed-Voltage Ultra Low LDO
TSP4264 TSC-TSP4264 Datasheet
432Kb / 6P
5V/150mA Fixed-Voltage Ultra Low LDO
logo
Micrel Semiconductor
MIC5385 MICREL-MIC5385 Datasheet
609Kb / 13P
Ultra Small Triple 150mA Output LDO
logo
Texas Instruments
LM9076Q TI1-LM9076Q Datasheet
357Kb / 16P
150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
logo
Taiwan Semiconductor Co...
TS4264 TSC-TS4264_09 Datasheet
220Kb / 6P
5V/150mA Fixed-Voltage Ultra Low LDO
logo
Texas Instruments
LM9076Q TI-LM9076Q_15 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com