Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUS509 Datasheet (PDF) - Power-One

CUS509 Datasheet PDF - Power-One
Part # CUS509
Download  CUS509 Download
File Size   42.13 Kbytes
Page   2 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description 1 WATT

CUS509 Datasheet (PDF)

Go To PDF Page Download Datasheet
CUS509 Datasheet PDF - Power-One

Part # CUS509
Download  CUS509 Click to download

File Size   42.13 Kbytes
Page   2 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description 1 WATT

CUS509 Datasheet (HTML) - Power-One


CUS509 Product details

DESCRIPTION
CUS non-regulated DC/DC converters offer short circuit protection and 500 VDC isolation in an industry standard DIP package. Available in 5 or 12 Volt input versions, the CUS is ideal for industrial and EDP applications. Please see the CUD series for dual output applications.
   
FEATURES
• Industry Standard
    Package
• Industry Standard
    Pinout
• 85°C Case Operation
• Short Circuit Protection
• 5V and 12V Inputs
• Input Pi Filter
• Low Profile DIP
    Package
• 500V Isolation   




Similar Part No. - CUS509

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CUS500M1-12 TDK-CUS500M1-12 Datasheet
298Kb / 1P
AC-DC Power Supplies
June 03, 2022
CUS500M1-12-EF TDK-CUS500M1-12-EF Datasheet
298Kb / 2P
AC-DC Power Supplies
CUS500M1-12/EF TDK-CUS500M1-12/EF Datasheet
298Kb / 2P
AC-DC Power Supplies
CUS500M1-19 TDK-CUS500M1-19 Datasheet
298Kb / 1P
AC-DC Power Supplies
June 03, 2022
CUS500M1-19-EF TDK-CUS500M1-19-EF Datasheet
298Kb / 2P
AC-DC Power Supplies
More results


Similar Description - CUS509

ManufacturerPart #DatasheetDescription
logo
Power-One
CRS505 POWER-ONE-CRS505 Datasheet
45Kb / 2P
1/2 WATT
logo
Compensated Deuices Inc...
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
1 WATT ZENER DIODES
logo
WJ Communication. Inc.
FP2189-RFID WJCI-FP2189-RFID Datasheet
644Kb / 13P
1 - Watt HFET
FP2189 WJCI-FP2189 Datasheet
610Kb / 12P
1-Watt HFET
logo
XP Power Limited
IQ1515SA XPPOWER-IQ1515SA Datasheet
103Kb / 1P
1 Watt
logo
NTE Electronics
502-0401 NTE-502-0401 Datasheet
374Kb / 1P
1/2 Watt and 1/4 Watt, 6mm dia. shaft
logo
PEAK electronics GmbH
P6AUIU-3R33R3ELF PEAK-P6AUIU-3R33R3ELF Datasheet
440Kb / 4P
1 Watt
logo
TRACO Electronic AG
TDU1 TRACOPOWER-TDU1 Datasheet
813Kb / 4P
TDU 1 Series, 1 Watt
Rev. January 31, 2023
TEA1 TRACOPOWER-TEA1 Datasheet
1Mb / 3P
TEA 1 Series, 1 Watt
Rev. November 30, 2022
TES1 TRACOPOWER-TES1 Datasheet
906Kb / 4P
TES 1 Series, 1 Watt
Rev. November 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com