Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TES1 Datasheet (PDF) - TRACO Electronic AG

TES1 Datasheet PDF - TRACO Electronic AG
Part # TES1
Download  TES1 Download
File Size   906.2 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TES 1 Series, 1 Watt

TES1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TES1 Datasheet PDF - TRACO Electronic AG

Part # TES1
Download  TES1 Click to download

File Size   906.2 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TES 1 Series, 1 Watt

TES1 Datasheet (HTML) - TRACO Electronic AG


TES1 Product details

• I/O isolation 1500 VDC
• Unregulated device
• Single and dual output models
• Input voltage 5, 12 and 24 VDC
• High efficiency up to 80%
• Operating temperature range
–40°C to +90°C
• High accuracy of pin co-planarity
• Qualified for leadfree reflow solder
process according IPC/JEDEC
J-STD-020C
• Available in tape and reel package
• 3-year product warranty




Similar Part No. - TES1

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
TES1-03103T125 ROCHESTER-TES1-03103T125 Datasheet
84Kb / 1P
Micro-Thermoelectric Cooling Module
logo
TRACO Electronic AG
TES1-0510V TRACOPOWER-TES1-0510V Datasheet
827Kb / 4P
TES 1V Series, 1 Watt
Rev. November 30, 2022
TES1-0511V TRACOPOWER-TES1-0511V Datasheet
827Kb / 4P
TES 1V Series, 1 Watt
Rev. November 30, 2022
TES1-0512V TRACOPOWER-TES1-0512V Datasheet
827Kb / 4P
TES 1V Series, 1 Watt
Rev. November 30, 2022
TES1-0513V TRACOPOWER-TES1-0513V Datasheet
827Kb / 4P
TES 1V Series, 1 Watt
Rev. November 30, 2022
More results


Similar Description - TES1

ManufacturerPart #DatasheetDescription
logo
Power-One
CUS509 POWER-ONE-CUS509 Datasheet
42Kb / 2P
1 WATT
logo
XP Power Limited
IQ1515SA XPPOWER-IQ1515SA Datasheet
103Kb / 1P
1 Watt
logo
TRACO Electronic AG
TDU1 TRACOPOWER-TDU1 Datasheet
813Kb / 4P
TDU 1 Series, 1 Watt
Rev. January 31, 2023
TEA1 TRACOPOWER-TEA1 Datasheet
1Mb / 3P
TEA 1 Series, 1 Watt
Rev. November 30, 2022
TES1V TRACOPOWER-TES1V Datasheet
827Kb / 4P
TES 1V Series, 1 Watt
Rev. November 30, 2022
TES2H TRACOPOWER-TES2H Datasheet
840Kb / 5P
TES 2H Series, 2 Watt
Rev. November 30, 2022
TES2M TRACOPOWER-TES2M Datasheet
908Kb / 4P
TES 2M Series, 2 Watt
Rev. November 30, 2022
TES3WI TRACOPOWER-TES3WI Datasheet
779Kb / 4P
TES 3WI Series, 3 Watt
Rev. November 30, 2022
TES5WI TRACOPOWER-TES5WI Datasheet
780Kb / 4P
TES 5WI Series, 5 Watt
Rev. November 30, 2022
TES2N TRACOPOWER-TES2N Datasheet
210Kb / 3P
DC/DC Converters TES 2N Series, 2 Watt
Rev. September 16, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com