Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TES5WI Datasheet (PDF) - TRACO Electronic AG

TES5WI Datasheet PDF - TRACO Electronic AG
Part # TES5WI
Download  TES5WI Download
File Size   780.16 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TES 5WI Series, 5 Watt

TES5WI Datasheet (PDF)

Go To PDF Page Download Datasheet
TES5WI Datasheet PDF - TRACO Electronic AG

Part # TES5WI
Download  TES5WI Click to download

File Size   780.16 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TES 5WI Series, 5 Watt

TES5WI Datasheet (HTML) - TRACO Electronic AG


TES5WI Product details

• Compact SMD package
• 33.4 x 25.6 mm footprint
• Ultra-wide 4:1 input voltage range
• I/O isolation 1500 VDC
• Operating temp. range
–40°C to +70°C
• Short circuit protection
• Input filter to meet EN 55032,
conducted class A
• Remote On/Off
• High accuracy of pin co-planarity
• 3-year product warranty




Similar Part No. - TES5WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TES5 TRACOPOWER-TES5 Datasheet
207Kb / 3P
DC/DC Converters TES 5 Series, 5 Watt
Rev. September 16, 2022
TES5-1210 TRACOPOWER-TES5-1210 Datasheet
207Kb / 3P
DC/DC Converters TES 5 Series, 5 Watt
Rev. September 16, 2022
TES5-1211 TRACOPOWER-TES5-1211 Datasheet
207Kb / 3P
DC/DC Converters TES 5 Series, 5 Watt
Rev. September 16, 2022
TES5-1212 TRACOPOWER-TES5-1212 Datasheet
207Kb / 3P
DC/DC Converters TES 5 Series, 5 Watt
Rev. September 16, 2022
TES5-1213 TRACOPOWER-TES5-1213 Datasheet
207Kb / 3P
DC/DC Converters TES 5 Series, 5 Watt
Rev. September 16, 2022
More results


Similar Description - TES5WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TDN5WI TRACOPOWER-TDN5WI Datasheet
806Kb / 4P
TDN 5WI Series, 5 Watt
Rev. November 30, 2022
TES1 TRACOPOWER-TES1 Datasheet
906Kb / 4P
TES 1 Series, 1 Watt
Rev. November 30, 2022
TES1V TRACOPOWER-TES1V Datasheet
827Kb / 4P
TES 1V Series, 1 Watt
Rev. November 30, 2022
TES2H TRACOPOWER-TES2H Datasheet
840Kb / 5P
TES 2H Series, 2 Watt
Rev. November 30, 2022
TES2M TRACOPOWER-TES2M Datasheet
908Kb / 4P
TES 2M Series, 2 Watt
Rev. November 30, 2022
TES3WI TRACOPOWER-TES3WI Datasheet
779Kb / 4P
TES 3WI Series, 3 Watt
Rev. November 30, 2022
TVN5WI TRACOPOWER-TVN5WI Datasheet
862Kb / 4P
DC/DC Converter TVN 5WI Series, 5 Watt
Rev. November 30, 2022
TEN5WI TRACOPOWER-TEN5WI Datasheet
281Kb / 3P
DC/DC Converters TEN 5WI Series, 6 Watt
Rev. February 20, 2023
TES2N TRACOPOWER-TES2N Datasheet
210Kb / 3P
DC/DC Converters TES 2N Series, 2 Watt
Rev. September 16, 2022
TES5 TRACOPOWER-TES5 Datasheet
207Kb / 3P
DC/DC Converters TES 5 Series, 5 Watt
Rev. September 16, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com