Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F911 Datasheet (PDF) - Silicon Laboratories

C8051F911 Datasheet PDF - Silicon Laboratories
Part # C8051F911
Download  C8051F911 Download
File Size   51.13 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Ultra Low Power, High-Performance MCU

C8051F911 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F911 Datasheet PDF - Silicon Laboratories

Part # C8051F911
Download  C8051F911 Click to download

File Size   51.13 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Ultra Low Power, High-Performance MCU

C8051F911 Datasheet (HTML) - Silicon Laboratories


C8051F911 Product details

System Overview
C8051F99x-C8051F98x devices are fully integrated mixed-signal system-on-a-chip MCUs. Highlighted features are listed below. Refer to Table 2.1 for specific product feature selection and part ordering numbers.

■ Ultra low power consumption in active and sleep modes.
■ High-speed pipelined 8051-compatible microcontroller core (up to 25 MIPS)
■ In-system, full-speed, non-intrusive debug interface (on-chip)
■ 10-bit 300 ksps or 12-bit 75 ksps single-ended ADC with analog multiplexer
■ 6-bit programmable current reference (resolution can be increased with PWM)
■ Precision programmable 24.5 MHz internal oscillator with spread spectrum technology.
■ 8 kB , 4 kB, or 2 kB of on-chip Flash memory
■ 512 bytes of on-chip RAM
■ SMBus/I2C, Enhanced UART, and Enhanced SPI serial interfaces implemented in hardware
■ Four general-purpose 16-bit timers
■ Programmable counter/timer array (PCA) with three capture/compare modules and watchdog timer function
■ On-chip power-on reset, VDD monitor, and temperature sensor
■ One on-chip voltage comparator
■ Up to 14 Capacitive Touch (QuickSense™) Inputs
■ Up to 17 Port I/O




Similar Part No. - C8051F911

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F911 SILABS-C8051F911 Datasheet
53Kb / 2P
25 MIPS, 8 kB Flash, Ultra Low Power, Capacitive Sensing MCU
C8051F911-D-GDI SILABS-C8051F911-D-GDI Datasheet
4Mb / 335P
Single/Dual Battery, 0.9??.6 V, 16?? kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F911-D-GM SILABS-C8051F911-D-GM Datasheet
4Mb / 335P
Single/Dual Battery, 0.9??.6 V, 16?? kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F911-D-GU SILABS-C8051F911-D-GU Datasheet
4Mb / 335P
Single/Dual Battery, 0.9??.6 V, 16?? kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F911-GD SILABS-C8051F911-GD Datasheet
2Mb / 318P
Single/Dual Battery,0.9-3.6 V, 16-8 kB, SmaRTClock, 12/10-Bit ADC MCU
More results


Similar Description - C8051F911

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F96X SILABS-C8051F96X Datasheet
53Kb / 2P
Ultra-Low-Power, High-Efficiency, Battery-Powered Metering MCU
SI102X SILABS-SI102X Datasheet
4Mb / 538P
Ultra Low Power 128K, LCD MCU Family
logo
Axiomtek Co., Ltd.
NA-812A AXIOMTEK-NA-812A Datasheet
316Kb / 1P
Ultra low power and high performance
NA-812B AXIOMTEK-NA-812B Datasheet
220Kb / 1P
Ultra low power and high performance
logo
STMicroelectronics
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
High-performance ultra low-power 3-axis accelerometer
13-Apr-2012
logo
Silicon Laboratories
C8051F912 SILABS-C8051F912 Datasheet
61Kb / 3P
Ultra-Low Power, High-Performance MCU
logo
STMicroelectronics
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
high performance ultra low-power 3-axis accelerometer
24-Jun-2009
MIS2DH STMICROELECTRONICS-MIS2DH Datasheet
1Mb / 49P
ultra-low-power high-performance 3-axis accelerometer
03-Sep-2015
logo
Silicon Laboratories
1060-915-DK SILABS-1060-915-DK Datasheet
1Mb / 3P
ULTRA-LOW POWER MCU WITH INTEGRATED HIGH-PERFORMANCE SUB-1 GHZ TRANSCEIVER
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
Low Power High Performance Low Power High Performance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com