Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DUD1218 Datasheet (PDF) - Power-One

DUD1218 Datasheet PDF - Power-One
Part # DUD1218
Download  DUD1218 Download
File Size   45.03 Kbytes
Page   2 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description DUAL OUTPUT, 6 WATT

DUD1218 Datasheet (PDF)

Go To PDF Page Download Datasheet
DUD1218 Datasheet PDF - Power-One

Part # DUD1218
Download  DUD1218 Click to download

File Size   45.03 Kbytes
Page   2 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description DUAL OUTPUT, 6 WATT

DUD1218 Datasheet (HTML) - Power-One


DUD1218 Product details

DESCRIPTION
DUD unregulated, dual output DC/DC converters offer excellent isolation in an industry standard 1” x 2” package. Available in 5V and 12V input versions, the DUD is perfect for industrial, datacom, or telecom applications. The DUD features short circuit protection, six-sided shielding, and 500 VDC isolation.

FEATURES
• Industry Standard 1” x 2” Package
• Industry Standard Pinout
• 85°C Case Operation
• 5V Input
• Input LC Filter
• 500V Isolation
• Short Circuit Protection




Similar Part No. - DUD1218

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
DUD-0505 POWER-SYSTEMS-DUD-0505 Datasheet
222Kb / 5P
DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
DUD-0512 POWER-SYSTEMS-DUD-0512 Datasheet
222Kb / 5P
DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
DUD-0515 POWER-SYSTEMS-DUD-0515 Datasheet
222Kb / 5P
DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
DUD-1205 POWER-SYSTEMS-DUD-1205 Datasheet
222Kb / 5P
DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
DUD-1212 POWER-SYSTEMS-DUD-1212 Datasheet
222Kb / 5P
DC-DC Converter UNIT 5W UNREGULATED DC-DC CONVERTER
More results


Similar Description - DUD1218

ManufacturerPart #DatasheetDescription
logo
Power-One
DRD512 POWER-ONE-DRD512 Datasheet
46Kb / 2P
DUAL OUTPUT, 2 WATT
OBD025YGG POWER-ONE-OBD025YGG Datasheet
76Kb / 3P
DUAL OUTPUT, 25 WATT
logo
Recom International Pow...
RBM-1.81.8S RECOM-RBM-1.81.8S_06 Datasheet
104Kb / 3P
1 Watt SIP 6 Micro Size, Single & Dual Output
REC6 RECOM-REC6 Datasheet
115Kb / 4P
6 Watt DIP24 Reinforced Single & Dual Output
logo
RSG Electronic Componen...
RR4-S06-D06 RSG-RR4-S06-D06 Datasheet
177Kb / 3P
6 Watt 2:1 regulated single & dual output
RR7-S06-D06 RSG-RR7-S06-D06 Datasheet
170Kb / 3P
6 Watt 4:1 regulated single & dual output
logo
Recom International Pow...
RAC06-C RECOM-RAC06-C Datasheet
82Kb / 2P
6 Watt Single/Dual Output
REC6-R RECOM-REC6-R Datasheet
114Kb / 4P
6 Watt DIP24 Reinforced Single & Dual Output
RAC06-S-DC RECOM-RAC06-S-DC Datasheet
82Kb / 2P
6 Watt Single/Dual Output
RP06-RAW RECOM-RP06-RAW Datasheet
878Kb / 9P
6 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com