Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3085 Datasheet (PDF) - Linear Technology

LT3085 Datasheet PDF - Linear Technology
Part # LT3085
Download  LT3085 Download
File Size   297.66 Kbytes
Page   28 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Adjustable 500mA Single Resistor Low Dropout Regulator

LT3085 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3085 Datasheet PDF - Linear Technology

Part # LT3085
Download  LT3085 Click to download

File Size   297.66 Kbytes
Page   28 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Adjustable 500mA Single Resistor Low Dropout Regulator

LT3085 Datasheet (HTML) - Linear Technology




Similar Part No. - LT3085

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3085 LINER-LT3085 Datasheet
289Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085 Datasheet
264Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085 Datasheet
382Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3085 LINER-LT3085 Datasheet
543Kb / 20P
1.5A, Low Noise, Negative Linear Regulator
LT3085 LINER-LT3085 Datasheet
237Kb / 20P
3關A IQ, 20mA, 45V Low Dropout Linear Regulators
More results


Similar Description - LT3085

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3080-1 LINER-LT3080-1 Datasheet
306Kb / 24P
Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085 Datasheet
289Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK Datasheet
69Kb / 2P
Adjustable 0.9A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083 Datasheet
264Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT3083EDF LINER-LT3083EDF Datasheet
351Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK_15 Datasheet
137Kb / 6P
Adjustable 0.9A Single Resistor Low Dropout Regulator
RH3083MK LINER-RH3083MK_15 Datasheet
248Kb / 6P
Adjustable 2.8A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083_15 Datasheet
412Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_15 Datasheet
302Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
LT3080-1 LINER-LT3080-1_15 Datasheet
350Kb / 24P
Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com