Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3085 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3085
Description  Adjustable 500mA Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085 Datasheet(HTML) 1 Page - Linear Technology

  LT3085 Datasheet HTML 1Page - Linear Technology LT3085 Datasheet HTML 2Page - Linear Technology LT3085 Datasheet HTML 3Page - Linear Technology LT3085 Datasheet HTML 4Page - Linear Technology LT3085 Datasheet HTML 5Page - Linear Technology LT3085 Datasheet HTML 6Page - Linear Technology LT3085 Datasheet HTML 7Page - Linear Technology LT3085 Datasheet HTML 8Page - Linear Technology LT3085 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT3085
1
3085fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Adjustable 500mA Single
Resistor Low Dropout
Regulator
The LT®3085 is a 500mA low dropout linear regulator that
can be paralleled to increase output current or spread
heat on surface mounted boards. Designed as a precision
current source and voltage follower, this new regulator
finds use in many applications requiring high current,
adjustability to zero, and no heat sink. The device also
brings out the collector of the pass transistor to allow
low dropout operation—down to 275mV—when used
with a second supply.
A key feature of the LT3085 is the capability to supply a
wide output voltage range. By using a reference current
through a single resistor, the output voltage is programmed
to any level between zero and 36V. The LT3085 is stable
with 2.2μF of capacitance on the output, and the IC uses
small ceramic capacitors that do not require additional
ESR as is common with other regulators.
Internal protection circuitry includes current limiting
and thermal limiting. The LT3085 is offered in the 8-lead
MSOP and a low profile (0.75mm) 6-lead 2mm × 3mm
DFN package (both with an Exposed Pad for better thermal
characteristics).
Variable Output Voltage 500mA Supply
n Outputs May be Paralleled for Higher Current and
Heat Spreading
n Output Current: 500mA
n Single Resistor Programs Output Voltage
n 1% Initial Accuracy of SET Pin Current
n Output Adjustable to 0V
n Current Limit Constant with Temperature
n Low Output Noise: 40μVRMS (10Hz to 100kHz)
n Wide Input Voltage Range: 1.2V to 36V
n Low Dropout Voltage: 275mV
n < 1mV Load Regulation
n < 0.001%/ V Line Regulation
n Minimum Load Current: 0.5mA
n Stable with Minimum 2.2μF Ceramic Capacitor
n Current Limit with Foldback and Overtemperature
Protected
n 8-Lead MSOP, and 6-Lead 2mm × 3mm DFN Packages
n High Current All Surface Mount Supply
n High Efficiency Linear Regulator
n Post Regulator for Switching Supplies
n Low Parts Count Variable Voltage Supply
n Low Output Voltage Power Supplies
+
–
LT3085
IN
VIN
1.2V TO 36V
VCONTROL
OUT
3085 TA01a
SET
1μF
2.2μF
RSET
VOUT = RSET • 10μA
VOUT
SET PIN CURRENT DISTRIBUTION (μA)
10.20
3085 TA01b
9.90
10.00
10.10
9.80
N = 1676
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and VLDO
and ThinSOT are trademarks of Linear Technology Corporation. All other trademarks are the
property of their respective owners.


Similar Part No. - LT3085

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3085 LINER-LT3085 Datasheet
289Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085 Datasheet
264Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085 Datasheet
382Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3085 LINER-LT3085 Datasheet
543Kb / 20P
1.5A, Low Noise, Negative Linear Regulator
LT3085 LINER-LT3085 Datasheet
237Kb / 20P
3關A IQ, 20mA, 45V Low Dropout Linear Regulators
More results

Similar Description - LT3085

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3080-1 LINER-LT3080-1 Datasheet
306Kb / 24P
Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085 Datasheet
289Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK Datasheet
69Kb / 2P
Adjustable 0.9A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083 Datasheet
264Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT3083EDF LINER-LT3083EDF Datasheet
351Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK_15 Datasheet
137Kb / 6P
Adjustable 0.9A Single Resistor Low Dropout Regulator
RH3083MK LINER-RH3083MK_15 Datasheet
248Kb / 6P
Adjustable 2.8A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083_15 Datasheet
412Kb / 28P
Adjustable 3A Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_15 Datasheet
302Kb / 28P
Adjustable 500mA Single Resistor Low Dropout Regulator
LT3080-1 LINER-LT3080-1_15 Datasheet
350Kb / 24P
Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com