Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3085 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3085
Description  Adjustable 500mA Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3085 Datasheet HTML 17Page - Linear Technology LT3085 Datasheet HTML 18Page - Linear Technology LT3085 Datasheet HTML 19Page - Linear Technology LT3085 Datasheet HTML 20Page - Linear Technology LT3085 Datasheet HTML 21Page - Linear Technology LT3085 Datasheet HTML 22Page - Linear Technology LT3085 Datasheet HTML 23Page - Linear Technology LT3085 Datasheet HTML 24Page - Linear Technology LT3085 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT3085
21
3085fb
TYPICAL APPLICATIONS
High Voltage Regulator
Ramp Generator
+
–
LT3085
6.1V
IN
1N4148
VIN
50V
VCONTROL
OUT
VOUT
0.5A
VOUT = 20V
VOUT = 10μA • RSET
3085 TA10
SET
RSET
2M
4.7μF
15μF
10μF
BUZ11
10k
+
+
+
–
LT3085
IN
VIN
5V
VCONTROL
OUT
VOUT
3085 TA12
SET
VN2222LL
VN2222LL
4.7μF
1μF
1μF
+
–
LT3085
+
–
LT3085
IN
IN
VIN
12V TO 18V
VCONTROL
VCONTROL
OUT
OUT
4.7μF
100μF
VOUT
0V TO 10V
3085 TA09
SET
SET
+
15μF
R4
1M
1Ω
0.25W
50k
0A TO 0.5A
+
15μF
+
Lab Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com