Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3085 Datasheet(PDF) 28 Page - Linear Technology

Part # LT3085
Description  Adjustable 500mA Single Resistor Low Dropout Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT3085 Datasheet HTML 20Page - Linear Technology LT3085 Datasheet HTML 21Page - Linear Technology LT3085 Datasheet HTML 22Page - Linear Technology LT3085 Datasheet HTML 23Page - Linear Technology LT3085 Datasheet HTML 24Page - Linear Technology LT3085 Datasheet HTML 25Page - Linear Technology LT3085 Datasheet HTML 26Page - Linear Technology LT3085 Datasheet HTML 27Page - Linear Technology LT3085 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LT3085
28
3085fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 0610 REV B • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LDOs
LT1086
1.5A Low Dropout Regulator
Fixed 2.85V, 3.3V, 3.6V, 5V and 12V Output
LT1763
500mA, Low Noise LDO
300mV Dropout Voltage, Low Noise = 20μVRMS, VIN: 1.8V to 20V, SO-8 Package
LT3021
500mA VLDO Regulator
VIN: 0.9V to 10V, Dropout Voltage = 190mV, VADJ = 200mV, 5mm × 5mm DFN-16,
SO-8 Packages
LT3080
1.1A, Parallelable, Low Noise,
Low Dropout Linear Regulator
300mV Dropout Voltage (2-Supply Operation), Low Noise = 40μVRMS, VIN: 1.2V to 36V,
VOUT: 0V to 35.7V, Current-Based Reference with 1-Resistor VOUT Set, Directly Parallelable
(No Op Amp Required), Stable with Ceramic Capacitors, TO-220, SOT-223, MSOP and
3mm × 3mm DFN Packages
LT3080-1
Parallelable 1.1A Adjustable Single
Resistor Low Dropout Regulator
(with Internal Ballast R)
300mV Dropout Voltage (2-Supply Operation), Low Noise = 40μVRMS, VIN: 1.2V to 36V,
VOUT: 0V to 35.7V, Current-Based Reference with 1-Resistor VOUT Set, Directly Parallelable
(No Op Amp Required), Stable with Ceramic Capacitors, TO-220, SOT-223, MSOP and
3mm × 3mm DFN Packages. LT3080-1 Version Has Integrated Ballast Resistor
LT1963A
1.5A Low Noise, Fast Transient
Response LDO
340mV Dropout Voltage, Low Noise = 40μVRMS, VIN: 2.5V to 20V, TO-220, DD, SOT-223
and SO-8 Packages
LT1965
1.1A Low Noise LDO
290mV Dropout Voltage, Low Noise = 40μVRMS, VIN: 1.8V to 20V, VOUT: 1.2V to 19.5V,
Stable with Ceramic Caps TO-220, DDPak, MSOP and 3mm × 3mm DFN Packages
LTC®3026
1.5A Low Input Voltage VLDOTM
Regulator
VIN: 1.14V to 3.5V (Boost Enabled), 1.14V to 5.5V (with External 5V), VDO = 0.1V,
IQ = 950μA, Stable with 10μF Ceramic Capacitors, 10-Lead MSOP and DFN Packages
Switching Regulators
LT1976
High Voltage, 1.5A Step-Down
Switching Regulator
f = 200kHz, IQ = 100μA, TSSOP-16E Package
LTC3414
4A (IOUT), 4MHz Synchronous
Step-Down DC/DC Converter
95% Efficiency, VIN: 2.25V to 5.5V, VOUT(MIN) = 0.8V, TSSOP Package
LTC3406/LTC3406B
600mA (IOUT), 1.5MHz Synchronous
Step-Down DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 20μA, ISD < 1μA,
ThinSOT TM Package
LTC3411
1.25A (IOUT), 4MHz Synchronous
Step-Down DC/DC Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.8V, IQ = 60μA, ISD < 1μA, 10-Lead MS or
DFN Packages
Paralleling Regulators
+
–
LT3085
IN
VIN
4.8V TO 36V
VCONTROL
OUT 20mΩ
10μF
VOUT
3.3V
1.5A
3085 TA14
165k
SET
1μF
+
–
LT3080
IN
VCONTROL
OUT 10mΩ
SET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com