Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT06-12SB Datasheet (PDF) - Amphenol Corporation

AT06-12SB Datasheet PDF - Amphenol Corporation
Part # AT06-12SB
Download  AT06-12SB Download
File Size   165.16 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Plug, 12 Way, Key B

AT06-12SB Datasheet (PDF)

Go To PDF Page Download Datasheet
AT06-12SB Datasheet PDF - Amphenol Corporation

Part # AT06-12SB
Download  AT06-12SB Click to download

File Size   165.16 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description Plug, 12 Way, Key B

AT06-12SB Datasheet (HTML) - Amphenol Corporation




Similar Part No. - AT06-12SB

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT06-12SB AMPHENOL-AT06-12SB Datasheet
809Kb / 2P
CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
AT06-12SB AMPHENOL-AT06-12SB Datasheet
946Kb / 3P
PLUG, 12 SOCKET, AT SERIES, KEYED
A3
AT06-12SB-BRN AMPHENOL-AT06-12SB-BRN Datasheet
809Kb / 2P
CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
AT06-12SB-BRN AMPHENOL-AT06-12SB-BRN Datasheet
946Kb / 3P
PLUG, 12 SOCKET, AT SERIES, KEYED
A3
AT06-12SB-GRN AMPHENOL-AT06-12SB-GRN Datasheet
809Kb / 2P
CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
More results


Similar Description - AT06-12SB

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT04-08PB AMPHENOL-AT04-08PB Datasheet
628Kb / 1P
Recpt, 8 Way, Key B
AT04-12PA AMPHENOL-AT04-12PA Datasheet
598Kb / 1P
Recpt, 12 Way, Enhanced A Key
AT04-12PB AMPHENOL-AT04-12PB Datasheet
592Kb / 1P
Recpt, 12 Way, Enhanced B Key
AT04-12PC AMPHENOL-AT04-12PC Datasheet
650Kb / 1P
Recpt, 12 Way, Enhanced C Key
AT04-12PD AMPHENOL-AT04-12PD Datasheet
600Kb / 1P
Recpt, 12 Way, Enhanced D Key
AT06-08SA AMPHENOL-AT06-08SA Datasheet
169Kb / 1P
Plug, 8 Way, Key A
AT06-08SB AMPHENOL-AT06-08SB Datasheet
164Kb / 1P
Plug, 8 Way, Key B
AT06-08SC AMPHENOL-AT06-08SC Datasheet
165Kb / 1P
Plug, 8 Way, Key C
AT06-08SD AMPHENOL-AT06-08SD Datasheet
177Kb / 1P
Plug, 8 Way, Key D
logo
Molex Electronics Ltd.
19433-0013 MOLEX11-19433-0013 Datasheet
62Kb / 1P
12 WAY PLUG ASSEMBLY
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com