Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMS30 Datasheet (PDF) - Power-One

IMS30 Datasheet PDF - Power-One
Part # IMS30
Download  IMS30 Download
File Size   1153.66 Kbytes
Page   6 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description Dual outputs 5V & 3.3V ; 3.3V & 1.8V

IMS30 Datasheet (PDF)

Go To PDF Page Download Datasheet
IMS30 Datasheet PDF - Power-One

Part # IMS30
Download  IMS30 Click to download

File Size   1153.66 Kbytes
Page   6 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description Dual outputs 5V & 3.3V ; 3.3V & 1.8V

IMS30 Datasheet (HTML) - Power-One


IMS30 Product details

Summary
The IMS 30 series of board mountable 30 Watt DC-DC converters has been designed according to the latest industry requirements and standards. The converters are particularly suitable for applications in industry and telecommunication where variable input voltages or high transient voltages are prevalent.
Features include efficient input and output filtering with unsurpassed transient and surge protection, low output ripple and noise, consistently high efficiency over the entire input voltage range, high reliability as well as excellent dynamic response to load and line changes.

Input to output electric strength test 1500 VDC
Input voltage ranges 32...75VDC for -0302
Dual output

• Industry standard pin-out
• Fixed frequency operation
• High efficiency up to 89 %
• 2" x 2" platform with 9.4 mm profile
• Low output noise
• Soft start
• Shut down input, output voltages adjustable
• Programmable input undervoltage lockout
• Synchronisation
• Outputs no-load, overload and short-circuit proof
• Operating ambient temperature –40...71oC
• Thermal protection with auto-reset (non latching)
• Emissions below EN 55022, level B
• EImmunity to IEC/EN 61000-4-2,-3,-4,-5 and -6




Similar Part No. - IMS30

ManufacturerPart #DatasheetDescription
logo
SICK AG
IMS30-15BNOVU2S SICK-IMS30-15BNOVU2S Datasheet
938Kb / 7P
INDUCTIVE PROXIMITY SENSORS
2024-01-08 12:55:59
IMS30-15BNSVU2S SICK-IMS30-15BNSVU2S Datasheet
938Kb / 7P
INDUCTIVE PROXIMITY SENSORS
2024-01-08 12:55:59
More results


Similar Description - IMS30

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89420V MICREL-SY89420V Datasheet
92Kb / 8P
5V/3.3V DUAL PHASE LOCKED LOOP
logo
Golledge Electronics Lt...
GVXO34 GOLLEDGE-GVXO34 Datasheet
69Kb / 1P
3.3V & 5V VCXO
logo
Dallas Semiconductor
DS1836 DALLAS-DS1836 Datasheet
169Kb / 9P
3.3V/5V MicroManager
logo
Phihong USA Inc.
PSM202A PHIHONG-PSM202A Datasheet
148Kb / 2P
18W Universal Input, Compact PCB, 3.3V/5V Outputs
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
5V/3.3V DUAL HIGH-PERFORMANCE
SY100EPT22V MICREL-SY100EPT22V_08 Datasheet
74Kb / 6P
3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL
logo
Murata Power Solutions ...
BWR33W MURATA-PS-BWR33W Datasheet
259Kb / 12P
Regulated 3.3V and 5V outputs
logo
Maxim Integrated Produc...
MAX17673EVKIT MAXIM-MAX17673EVKIT Datasheet
680Kb / 12P
MAX17673 5V, 3.3V, 1.8V Output Applications
Rev 0; 11/18
MAX17673AEVKIT MAXIM-MAX17673AEVKIT Datasheet
959Kb / 13P
MAX17673A 5V, 3.3V, 1.8V Output Applications
Rev 0; 1/20
DS1836 MAXIM-DS1836 Datasheet
173Kb / 9P
3.3V/5V MicroManager
121906
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com