Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMS30 Datasheet(PDF) 2 Page - Power-One

Part # IMS30
Description  Dual outputs 5V & 3.3V ; 3.3V & 1.8V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IMS30 Datasheet(HTML) 2 Page - Power-One

  IMS30 Datasheet HTML 1Page - Power-One IMS30 Datasheet HTML 2Page - Power-One IMS30 Datasheet HTML 3Page - Power-One IMS30 Datasheet HTML 4Page - Power-One IMS30 Datasheet HTML 5Page - Power-One IMS30 Datasheet HTML 6Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Functional Description
The IMS 30 series of DC-DC converters are magnetic feed-
back controlled forward converters using current mode
PWM (Pulse Width Modulation).
This product range features synchronous rectifiers deliver-
ing in very high efficiency. The output voltage of these ver-
sions can be adjusted via the Trim input. The Trim input is
referenced to the secondary side and allows for program-
ming of the output voltage in the range of approximately 90
to 110% of
Uo nom using an external resistor.
The voltage regulation is achieved with a magnetic feed-
back circuit providing excellent line and load regulation.
Current limitation is provided by the primary circuit, thus
limiting the total output power to approx. 130% of
Po nom
(see:
Type Survey). The shut down input allows remote
converter on/off.
Overtemperature protection will shut down the unit in ex-
cessive overload conditions with automatic restart.
Fig. 1
Block diagram (-0503, -0302 Outputs )
PWM
4n7F
1500 V
17
1
2
4
11
15
Vi+
SD
PUL
i
Vi –
Uo2+
Com
Trim
3
W
Type Key
48 IMS 30 - 0503 -9 G i
Input voltage range
Ui
....................................
48
Series ...................................................................... IMS 30
Output voltage type output .................... ( 5.1 and 3.3Vout)
Operating ambient temperature range
TA
–40...71°C .................................................. -9
Synchronous rectifier ...................................................... G
Option:
Inhibit ............................................................ i
Type Survey and Key Data
Table 1: Type survey
Output 1
Output power
Input Voltage Range and Efficiency
Option
Uo1 nom
Io1 nom
Po nom
Ui min...Ui max
typ
[V DC]
[A]
[W]
32...75 V DC
[%]
5.1
4.5
30
48 IMS 30-0503-9G
87
i
Output 2
o2 nom
U
3.3
[V DC]
o1 nom
I
[A]
6.0
Uo1+
2/11
3.3
4.0
48 IMS 30-0302-9G
83
i
1.8
5.0
22
13
32...75 V DC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com