Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QLS30ZA Datasheet (PDF) - Power-One

QLS30ZA Datasheet PDF - Power-One
Part # QLS30ZA
Download  QLS30ZA Download
File Size   143.86 Kbytes
Page   8 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output

QLS30ZA Datasheet (PDF)

Go To PDF Page Download Datasheet
QLS30ZA Datasheet PDF - Power-One

Part # QLS30ZA
Download  QLS30ZA Click to download

File Size   143.86 Kbytes
Page   8 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output

QLS30ZA Datasheet (HTML) - Power-One


QLS30ZA Product details

Description
The new QLS30 series of single-output DC/DC converters features single board, multi-layer construction and an SMT design that is highly reliable due to the low component count and minimal manufacturing touch time. The QLS30 series uses fewer components than any other equivalently rated single board converter. The converters can deliver a maximum of 30 Amps with a typical efficiency of 85%. The QLS provides superior thermal performance, with minimal derating. The QLS30ZB model converter can deliver 22.8 amperes at 1.8 volt output in ambient conditions of 65°C and 200 LFM. This full featured, low profile converter offers input undervoltage lockout, overload, overvoltage and overtemperature protection. Interface features include remote on/off, remote sense and output voltage trim.

Features
• Cost-effective single board design
• Low profile – 11 mm height
• Input/output isolation: 1500VDC, basic insulation
• High efficiency
• Output back-drive protection
• Start-up into high capacitive load
• Low conducted and radiated EMI
• Output overcurrent protection
• Output overvoltage protection
• Overtemperature protection
• Remote sense
• Set point accuracy ± 1%
• Remote on/off (primary referenced), positive or negative logic
• Output voltage trim adjust, positive or negative
• UL 1950 Recognition, CSA 22.2 No. 950-95 certification, TUV IEC950

Applications
• Distributed power architectures
• Telecommunications equipment
• LAN/WAN applications
• Data processing applications




Similar Part No. - QLS30ZA

ManufacturerPart #DatasheetDescription
logo
Quelighting Corp
QLS05WXK QUELIGHTING-QLS05WXK Datasheet
1Mb / 14P
This high output reflector type 2835S LEDs are available in warm white / neutral white / pure white / and cold white to suit customer?셲 application. These 0.2W LEDs are equipped with heat sink to enhance operating performance.
1.0 03-10-2020
QLS19WXH QUELIGHTING-QLS19WXH Datasheet
1Mb / 15P
This high output reflector type 2835S LEDs are available in warm white / neutral white / pure white / and cold white to suit customer?셲 application.
1.4 08-25-2021
logo
Power-One
QLS20ZG POWER-ONE-QLS20ZG Datasheet
217Kb / 8P
Distributed power architectures
QLS25ZD POWER-ONE-QLS25ZD Datasheet
217Kb / 8P
Distributed power architectures
QLS25ZE POWER-ONE-QLS25ZE Datasheet
217Kb / 8P
Distributed power architectures
More results


Similar Description - QLS30ZA

ManufacturerPart #DatasheetDescription
logo
Power-One
HHS60ZE POWER-ONE-HHS60ZE Datasheet
56Kb / 2P
HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
HLS30ZG POWER-ONE-HLS30ZG Datasheet
650Kb / 8P
HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
Q2S30ZA POWER-ONE-Q2S30ZA Datasheet
100Kb / 2P
Q2S Series - 30A Quarter Brick DC/DC Converter 48V Input 1.5V to 3.3V Output
logo
Galaxy Power, Inc.
G2PW5V030 GALAXY-G2PW5V030 Datasheet
636Kb / 7P
48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
SynQor Worldwide Headqu...
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
Quarter-brick DC/DC Converter
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
Quarter-brick DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com