Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QLS25ZE Datasheet (PDF) - Power-One

QLS25ZE Datasheet PDF - Power-One
Part # QLS25ZE
Download  QLS25ZE Download
File Size   217.29 Kbytes
Page   8 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description Distributed power architectures

QLS25ZE Datasheet (PDF)

Go To PDF Page Download Datasheet
QLS25ZE Datasheet PDF - Power-One

Part # QLS25ZE
Download  QLS25ZE Click to download

File Size   217.29 Kbytes
Page   8 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description Distributed power architectures

QLS25ZE Datasheet (HTML) - Power-One


QLS25ZE Product details

Description

The QLS25 is a new series of cost-effective, high-density single output DC-DC converters providing onboard conversion of standard telecom and datacom input voltagesinto isolated low voltage outputs in a through-hole mounting package. High efficiencies and a patent-pending board design significantly improve thermal characteristics by evening out hot spots and enhance product reliability.



Features

• RoHS lead solder exemption compliant

• Cost-effective single board design

• Low profile – 11 mm height

• Input/output isolation: 1500VDC, basic insulation

• High efficiency - up to 90% at full load

• Start-up into high capacitive load

• Low conducted and radiated EMI

• Output overcurrent protection

• Output overvoltage protection

• Back drive protection

• Overtemperature protection

• Remote sense

• Set point accuracy ±1%

• Remote on/off (primary referenced), positive or negative logic

• Output voltage trim adjust, positive or negative

• UL 1950 Recognition, CSA 22.2 No. 950-95 certification, TUV IEC950



Applications

• Distributed power architectures

• Telecommunications equipment

• LAN/WAN applications

• Data processing applications




Similar Part No. - QLS25ZE

ManufacturerPart #DatasheetDescription
logo
Quelighting Corp
QLS05WXK QUELIGHTING-QLS05WXK Datasheet
1Mb / 14P
This high output reflector type 2835S LEDs are available in warm white / neutral white / pure white / and cold white to suit customer?셲 application. These 0.2W LEDs are equipped with heat sink to enhance operating performance.
1.0 03-10-2020
QLS19WXH QUELIGHTING-QLS19WXH Datasheet
1Mb / 15P
This high output reflector type 2835S LEDs are available in warm white / neutral white / pure white / and cold white to suit customer?셲 application.
1.4 08-25-2021
logo
Power-One
QLS30ZA POWER-ONE-QLS30ZA Datasheet
143Kb / 8P
QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
QLS30ZB POWER-ONE-QLS30ZB Datasheet
143Kb / 8P
QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
QLS30ZY POWER-ONE-QLS30ZY Datasheet
143Kb / 8P
QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
More results


Similar Description - QLS25ZE

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA424 POWERINT-DPA424 Datasheet
290Kb / 36P
Highly Integrated DC-DC Converter ICs for Distributed Power Architectures
logo
Artesyn Technologies
DFP1000 ARTESYN-DFP1000 Datasheet
267Kb / 4P
Dual output 1000 Watt AC/DC PFC front-end for distributed power architectures
DPF950 ARTESYN-DPF950 Datasheet
63Kb / 2P
Dual output 950 Watt AC/DC PFC front-end for distributed power architectures
DPF1500 ARTESYN-DPF1500 Datasheet
79Kb / 2P
Single output 1500 Watt AC/DC PFC front-end for distributed power architectures
logo
Lineage Power Corporati...
ACE184 LINEAGEPOWER-ACE184 Datasheet
230Kb / 6P
12Vdc distributed power architectures Mid-End Blade Network Equipment
JAW075F1 LINEAGEPOWER-JAW075F1 Datasheet
524Kb / 16P
Distributed power architectures
JC050C1 LINEAGEPOWER-JC050C1 Datasheet
458Kb / 16P
Distributed power architectures
logo
Fairchild Semiconductor
FDMS9409_F085 FAIRCHILD-FDMS9409_F085 Datasheet
419Kb / 6P
Distributed Power Architectures and VRM
FDMS9410_F085 FAIRCHILD-FDMS9410_F085 Datasheet
429Kb / 6P
Distributed Power Architectures and VRM
logo
Bel Fuse Inc.
SRBH-06H1A0 BEL-SRBH-06H1A0 Datasheet
1Mb / 10P
Distributed Power Architectures
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com