Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLD08VEB Datasheet (PDF) - Power-One

PLD08VEB Datasheet PDF - Power-One
Part # PLD08VEB
Download  PLD08VEB Download
File Size   88.2 Kbytes
Page   2 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description PLD08 Series . 8A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output

PLD08VEB Datasheet (PDF)

Go To PDF Page Download Datasheet
PLD08VEB Datasheet PDF - Power-One

Part # PLD08VEB
Download  PLD08VEB Click to download

File Size   88.2 Kbytes
Page   2 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description PLD08 Series . 8A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output

PLD08VEB Datasheet (HTML) - Power-One


PLD08VEB Product details

Description
The PLD08 series converters are surface mount non-isolated dual output DC/DC converters. The products provide point of load conversion of a single 3.3V or 5V input voltage into two independently regulated low output voltages. Each output can provide up to 5A of output current, has independent feedback loop and independent trim function. Two power trains operate out of phase thus significantly reducing ripple current requirements and simplifying external filtering. High efficiency, low space requirements, and flexible loading characteristics make the converters an ideal choice for powering of multivoltage ASICs.

Features
• Surface mount configuration
• 1.56” by 0.55” low profile package
• Two independently regulated outputs
• Efficiency in excess of 90%
• 8A of combined output current at 65°C and 200LFM
• Flexible output load distribution
• Output overcurrent protection
• Remote ON/OFF
• Output voltage trim adjust for each output




Similar Part No. - PLD08VEB

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
PLD08C FUTUREWAFER-PLD08C Datasheet
586Kb / 3P
ESD Protection Device
More results


Similar Description - PLD08VEB

ManufacturerPart #DatasheetDescription
logo
Power-One
PHD32UDD POWER-ONE-PHD32UDD Datasheet
53Kb / 2P
PHD32 Series . 32A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
SLD10UDD POWER-ONE-SLD10UDD Datasheet
49Kb / 2P
SLD10 Series . 10A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
logo
Bel Fuse Inc.
S7DB-08B BEL-S7DB-08B Datasheet
289Kb / 16P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
S7AH-08B BEL-S7AH-08B Datasheet
339Kb / 22P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
SRAH-08B BEL-SRAH-08B Datasheet
346Kb / 22P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
VRPC-04C BEL-VRPC-04C Datasheet
96Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com