Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACC-B03-2 Datasheet (PDF) - E-SWITCH

ACC-B03-2 Datasheet PDF - E-SWITCH
Part # ACC-B03-2
Download  ACC-B03-2 Download
File Size   120.48 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description Heavy Duty Rating with UL Approvals, RATING: 24A 125VAC [cULus]

ACC-B03-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACC-B03-2 Datasheet PDF - E-SWITCH

Part # ACC-B03-2
Download  ACC-B03-2 Click to download

File Size   120.48 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description Heavy Duty Rating with UL Approvals, RATING: 24A 125VAC [cULus]

ACC-B03-2 Datasheet (HTML) - E-SWITCH




Similar Part No. - ACC-B03-2

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
ACC-BAT-4S2P-01R BCM-ACC-BAT-4S2P-01R Datasheet
390Kb / 2P
23.8” Ultra Light Medical Cart Panel PC with Multi-touch Function
2020/11/30
logo
Extreme Networks.
ACC-BKT-AX-BEAM EXTREMENETWORKS-ACC-BKT-AX-BEAM Datasheet
452Kb / 10P
Wi-Fi 6E Dual-Radio Indoor Access Point With Integrated or External Antenna Options
28oct24
ACC-BKT-AX-BEAM EXTREMENETWORKS-ACC-BKT-AX-BEAM Datasheet
346Kb / 8P
Wi-Fi 6 (802.11ax) Indoor Access Point with Support for Multiple Extreme Operating Systems
16jan24
ACC-BKT-AX-BEAM EXTREMENETWORKS-ACC-BKT-AX-BEAM Datasheet
484Kb / 11P
Wi-Fi 6E Tri-Radio Indoor Access Point with Support for Multiple Extreme Operating Systems
2oct24
ACC-BKT-AX-BEAM EXTREMENETWORKS-ACC-BKT-AX-BEAM Datasheet
355Kb / 9P
Wi-Fi 6 (802.11ax) Tri-Radio Access Point With Support for Multiple Extreme Operating Systems
30apr24
More results


Similar Description - ACC-B03-2

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST34TE00 E-SWITCH-ST34TE00 Datasheet
623Kb / 1P
Heavy Duty Rating with UL Approvals
M309339 E-SWITCH-M309339 Datasheet
209Kb / 1P
RATING: 15A @125VAC;
logo
Exar Corporation
SP3232EBCYL EXAR-SP3232EBCYL Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
SP3232EENL EXAR-SP3232EENL Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
SP3243ECAL EXAR-SP3243ECAL Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
XRP9710EY EXAR-XRP9710EY Datasheet
178Kb / 2P
Flammability rating of UL 94?륷0
SP3072EENL EXAR-SP3072EENL Datasheet
158Kb / 1P
Flammability rating of UL 94?륷0
SP3222EBEAL EXAR-SP3222EBEAL Datasheet
164Kb / 1P
Flammability rating of UL 94?륷0
logo
List of Unclassifed Man...
2870 ETC2-2870 Datasheet
95Kb / 1P
Heavy Duty 1500 VDC rating
logo
Ningbo Tianbo Ganglian ...
TRA4 TIANBO-TRA4 Datasheet
1Mb / 3P
UL TV-5 rating relay
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com