Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M309339 Datasheet (PDF) - E-SWITCH

M309339 Datasheet PDF - E-SWITCH
Part # M309339
Download  M309339 Download
File Size   209.55 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description RATING: 15A @125VAC;

M309339 Datasheet (PDF)

Go To PDF Page Download Datasheet
M309339 Datasheet PDF - E-SWITCH

Part # M309339
Download  M309339 Click to download

File Size   209.55 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description RATING: 15A @125VAC;

M309339 Datasheet (HTML) - E-SWITCH




Similar Part No. - M309339

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M309330 E-SWITCH-M309330 Datasheet
167Kb / 1P
All Dimensions In MM
M309331 E-SWITCH-M309331 Datasheet
61Kb / 1P
LAMP VOLTAGE: NO LAMP
M309332 E-SWITCH-M309332 Datasheet
177Kb / 1P
LAMP VOLTAGE: NO LAMP
M309333 E-SWITCH-M309333 Datasheet
138Kb / 1P
LAMP VOLTAGE: NO LAMP
M309334 E-SWITCH-M309334 Datasheet
183Kb / 1P
LAMP VOLTAGE: NO LAMP
More results


Similar Description - M309339

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
03144 VICOR-03144 Datasheet
52Kb / 1P
SOCKET, FUSE, PCB, 5A, 125VAC
logo
E-SWITCH
ST3 E-SWITCH-ST3 Datasheet
120Kb / 1P
Heavy Duty Rating with UL Approvals, RATING: 24A 125VAC [cULus]
logo
GREATECS
RK188 GREATECS-RK188 Datasheet
171Kb / 1P
SP Rocker Switch up to 20A 125VAC (illuminated)
logo
PowerDynamics, Inc
PD-1-15 POWERDYNAMICS-PD-1-15 Datasheet
33Kb / 1P
NEMA 1-15 RECEPTACLE 15A/125VAC
PD-L515C-B POWERDYNAMICS-PD-L515C-B Datasheet
53Kb / 1P
NEMA L5-15R CORD CONNECTOR 15A 125VAC; ASSEMBLY TYPE
PD-L520C-B POWERDYNAMICS-PD-L520C-B Datasheet
122Kb / 1P
NEMA L5-20R CORD CONNECTOR 20A 125VAC; ASSEMBLY TYPE
logo
E-SWITCH
34-PP1DB72A2 E-SWITCH-34-PP1DB72A2 Datasheet
95Kb / 1P
UL 16A 125VAC, 12A 250VAC, 1HP/250VAC
34-PP1EB71A2 E-SWITCH-34-PP1EB71A2 Datasheet
60Kb / 1P
UL 16A 125VAC, 12A 250VAC, 1HP/250VAC
logo
Mallory Sonalert Produc...
SCE016XD3MG3B MSPI-SCE016XD3MG3B Datasheet
59Kb / 1P
Voltage Rating: Voltage Rating:
SCE048SA3QP1B MSPI-SCE048SA3QP1B Datasheet
55Kb / 1P
Voltage Rating Voltage Rating
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com