Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-1-15 Datasheet (PDF) - PowerDynamics, Inc

PD-1-15 Datasheet PDF - PowerDynamics, Inc
Part # PD-1-15
Download  PD-1-15 Download
File Size   33.31 Kbytes
Page   1 Pages
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc
Description NEMA 1-15 RECEPTACLE 15A/125VAC

PD-1-15 Datasheet (PDF)

Go To PDF Page Download Datasheet
PD-1-15 Datasheet PDF - PowerDynamics, Inc

Part # PD-1-15
Download  PD-1-15 Click to download

File Size   33.31 Kbytes
Page   1 Pages
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc
Description NEMA 1-15 RECEPTACLE 15A/125VAC

PD-1-15 Datasheet (HTML) - PowerDynamics, Inc




Similar Part No. - PD-1-15

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD-1021 TRINAMIC-PD-1021 Datasheet
758Kb / 21P
Stepper Motor with Controller
PD-1070 TRINAMIC-PD-1070 Datasheet
2Mb / 25P
Supply Voltage 9 to 24V DC
PD-1070-CABLE TRINAMIC-PD-1070-CABLE Datasheet
2Mb / 25P
PD42-1070 Hardware Manual
V1.00 2018-July-03
PD-1076-CABLE TRINAMIC-PD-1076-CABLE Datasheet
1Mb / 25P
PD57/60-x-1076 Hardware Manual
V1.02 2018-SEP-03
PD-108-28 TRINAMIC-PD-108-28 Datasheet
257Kb / 1P
28mm / NEMA11 Stepper Motor with Controller / Driver and Serial Interface
More results


Similar Description - PD-1-15

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PD-L515C-B POWERDYNAMICS-PD-L515C-B Datasheet
53Kb / 1P
NEMA L5-15R CORD CONNECTOR 15A 125VAC; ASSEMBLY TYPE
logo
E-SWITCH
M309339 E-SWITCH-M309339 Datasheet
209Kb / 1P
RATING: 15A @125VAC;
logo
Molex Electronics Ltd.
1301510001 MOLEX11-1301510001 Datasheet
35Kb / 1P
Safeway Adapter NEMA 5-15 Receptacle - Female End 15A/125V, Non-NEMA Plug - Male End, 15A/125V
1301510002 MOLEX11-1301510002 Datasheet
36Kb / 1P
Safeway Adapter Non-NEMA Receptacle - Female End 15A/125V, Non-NEMA 5-15
1301510003 MOLEX11-1301510003 Datasheet
34Kb / 1P
Safeway Adapter NEMA 5-15 Receptacle - Female End 15A/125V, NEMA 5-15 Plug - Male End, 15A/125V
1301510012 MOLEX11-1301510012 Datasheet
37Kb / 1P
Safeway Adapter NEMA 5-15 Receptacle - Female End 15A/125V, Non-NEMA Plug
1301510014 MOLEX11-1301510014 Datasheet
37Kb / 1P
Safeway Adapter NEMA 5-15 Receptacle - Female End 15A/125V, NEMA 5-15 Plug
130151-0015 MOLEX11-130151-0015 Datasheet
42Kb / 1P
Safeway Adapter Non-NEMA Receptacle - Female End ,15A/125V, NEMA 5-15 Plug
1301510017 MOLEX11-1301510017 Datasheet
35Kb / 1P
Safeway Adapter NEMA L5-15 Receptacle - Female End 15A/125V, NEMA 5-15 Plug
1301510023 MOLEX11-1301510023 Datasheet
36Kb / 1P
Safeway Adapter NEMA 1-15 Receptacle - Female End 15A/125V, NEMA L5-20 Plug
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com