Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-L515C-B Datasheet (PDF) - PowerDynamics, Inc

PD-L515C-B Datasheet PDF - PowerDynamics, Inc
Part # PD-L515C-B
Download  PD-L515C-B Download
File Size   53.9 Kbytes
Page   1 Pages
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc
Description NEMA L5-15R CORD CONNECTOR 15A 125VAC; ASSEMBLY TYPE

PD-L515C-B Datasheet (PDF)

Go To PDF Page Download Datasheet
PD-L515C-B Datasheet PDF - PowerDynamics, Inc

Part # PD-L515C-B
Download  PD-L515C-B Click to download

File Size   53.9 Kbytes
Page   1 Pages
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc
Description NEMA L5-15R CORD CONNECTOR 15A 125VAC; ASSEMBLY TYPE

PD-L515C-B Datasheet (HTML) - PowerDynamics, Inc




Similar Part No. - PD-L515C-B

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PD-L515P-B POWERDYNAMICS-PD-L515P-B Datasheet
39Kb / 1P
ELECTRICAL SPECIFICATIONS
PD-L515R-B POWERDYNAMICS-PD-L515R-B Datasheet
53Kb / 1P
NEMA L5-15R LOCKING RECEPTACLE
More results


Similar Description - PD-L515C-B

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PD-1-15 POWERDYNAMICS-PD-1-15 Datasheet
33Kb / 1P
NEMA 1-15 RECEPTACLE 15A/125VAC
PD-L515R-B POWERDYNAMICS-PD-L515R-B Datasheet
53Kb / 1P
NEMA L5-15R LOCKING RECEPTACLE
PD-L520C-B POWERDYNAMICS-PD-L520C-B Datasheet
122Kb / 1P
NEMA L5-20R CORD CONNECTOR 20A 125VAC; ASSEMBLY TYPE
PD-L530C-B POWERDYNAMICS-PD-L530C-B Datasheet
123Kb / 1P
NEMA L5-30R CORD CONNECTOR 30A 125VAC; ASSEMBLY TYPE
PD-L615C-B POWERDYNAMICS-PD-L615C-B Datasheet
53Kb / 1P
NEMA L6-15R CORD CONNECTOR 15A 250VAC; ASSEMBLY TYPE
logo
E-SWITCH
M309339 E-SWITCH-M309339 Datasheet
209Kb / 1P
RATING: 15A @125VAC;
logo
Tripp Lite. All Rights ...
P023001 TRIPPLITE-P023001 Datasheet
488Kb / 2P
Heavy-Duty Power Extension Server Cord, 15A,14AWG (NEMA 5-15P to NEMA L5-15R), 1-ft
P024003 TRIPPLITE-P024003 Datasheet
498Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (NEMA 5-15P to NEMA 5-15R), 3-ft
logo
Molex Electronics Ltd.
1301510019 MOLEX11-1301510019 Datasheet
37Kb / 1P
Safeway Adapter NEMA L5-15R Receptacle - Female End 15A/125V, Non-NEMA
logo
Qualtek Electronics Cor...
Q-610 QUALTEK-Q-610 Datasheet
192Kb / 1P
NEMA L5-15R LOCKING RECEPTACLE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com