Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL486 Datasheet (PDF) - Power-One

SL486 Datasheet PDF - Power-One
Part # SL486
Download  SL486 Download
File Size   59.03 Kbytes
Page   4 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description 6...12 A Switching Regulators

SL486 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL486 Datasheet PDF - Power-One

Part # SL486
Download  SL486 Click to download

File Size   59.03 Kbytes
Page   4 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description 6...12 A Switching Regulators

SL486 Datasheet (HTML) - Power-One


SL486 Product details

Input voltage up to 144 V DC
Single output of 5.1...48 V DC
No input to output isolation

• Efficiency up to 97%
• Low input-output differential voltage
• No derating over temperature




Similar Part No. - SL486

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL486 ETC-SL486 Datasheet
201Kb / 7P
INFRA RED REMOTE CONTROL PREAMPLIFIER
logo
Zarlink Semiconductor I...
SL486 ZARLINK-SL486 Datasheet
391Kb / 9P
INFRA RED REMOTE CONTROL PREAMPLIFIER
logo
List of Unclassifed Man...
SL486NADP ETC-SL486NADP Datasheet
201Kb / 7P
INFRA RED REMOTE CONTROL PREAMPLIFIER
logo
Zarlink Semiconductor I...
SL486NADP ZARLINK-SL486NADP Datasheet
391Kb / 9P
INFRA RED REMOTE CONTROL PREAMPLIFIER
logo
List of Unclassifed Man...
SL486NAMP ETC-SL486NAMP Datasheet
201Kb / 7P
INFRA RED REMOTE CONTROL PREAMPLIFIER
More results


Similar Description - SL486

ManufacturerPart #DatasheetDescription
logo
Power-One
PSA3E6-2 POWER-ONE-PSA3E6-2 Datasheet
46Kb / 4P
1...6 A Switching Regulators
PSB5A4-7IR POWER-ONE-PSB5A4-7IR Datasheet
57Kb / 4P
3...8 A Switching Regulators
PSC3E122 POWER-ONE-PSC3E122 Datasheet
54Kb / 4P
6...12 A Switching Regulators
PSK3E25-7 POWER-ONE-PSK3E25-7 Datasheet
104Kb / 5P
9...25 A Switching Regulators
logo
Texas Instruments
PT6341 TI-PT6341 Datasheet
174Kb / 9P
6-A 12-V Input Adjustable Integrated Switching Regulator
logo
Power-One
PSB POWER-ONE-PSB Datasheet
96Kb / 3P
3 to 8 A Switching Regulators
PSC POWER-ONE-PSC Datasheet
213Kb / 3P
6 to 12 A Switching Regulators
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
6 to 12 A Switching Regulators
logo
Texas Instruments
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
6-A 12-V Input Adjustable Integrated Switching Regulator
logo
PHOENIX CONTACT
3200328 PHOENIX-3200328 Datasheet
73Kb / 3P
A 6 -12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com