Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHD32VDA Datasheet (PDF) - Power-One

PHD32VDA Datasheet PDF - Power-One
Part # PHD32VDA
Download  PHD32VDA Download
File Size   53.59 Kbytes
Page   2 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description PHD32 Series . 32A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output

PHD32VDA Datasheet (PDF)

Go To PDF Page Download Datasheet
PHD32VDA Datasheet PDF - Power-One

Part # PHD32VDA
Download  PHD32VDA Click to download

File Size   53.59 Kbytes
Page   2 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description PHD32 Series . 32A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output

PHD32VDA Datasheet (HTML) - Power-One


PHD32VDA Product details

Description
The PHD32 series converters are non-isolated dual output DC/DC converters available in through hole and surface mount configurations. The products provide point of load conversion of a single 3.3V or 5V input voltage to two independently regulated low output voltages. Each output can provide up to 20A of output current, has independent feedback loop and independent trim function. Two power trains operate out of phase thus significantly reducing ripple current requirements and simplifying external filtering. High efficiency, low space requirements, and flexible loading characteristics make the converters an ideal choice for powering of high performance multivoltage ASICs.

Features
• Two independently regulated outputs
• Efficiency in excess of 90%
• 32A of combined output current at 65°C and 200LFM
• Flexible output load distribution
• Output overcurrent protection
• Remote ON/OFF
• Output voltage trim adjust for each output
• Through hole and SMT configurations




Similar Part No. - PHD32VDA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD3055E PHILIPS-PHD3055E Datasheet
72Kb / 7P
PowerMOS transistor
September 1997 Rev 1.000
PHD3055E PHILIPS-PHD3055E Datasheet
103Kb / 10P
N-channel TrenchMOS transistor
August 1999 Rev 1.200
PHD3055E NXP-PHD3055E Datasheet
220Kb / 14P
N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
logo
VBsemi Electronics Co.,...
PHD3055E VBSEMI-PHD3055E Datasheet
1,003Kb / 8P
N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
PHD3055E ISC-PHD3055E Datasheet
298Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - PHD32VDA

ManufacturerPart #DatasheetDescription
logo
Power-One
PLD08UDD POWER-ONE-PLD08UDD Datasheet
88Kb / 2P
PLD08 Series . 8A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
SLD10UDD POWER-ONE-SLD10UDD Datasheet
49Kb / 2P
SLD10 Series . 10A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
logo
Bel Fuse Inc.
S7DB-08B BEL-S7DB-08B Datasheet
289Kb / 16P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
S7DB-12B BEL-S7DB-12B Datasheet
209Kb / 13P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
SRAH-05B BEL-SRAH-05B Datasheet
190Kb / 15P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
VRPB-06B BEL-VRPB-06B Datasheet
182Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
VRPC-04C BEL-VRPC-04C Datasheet
96Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com