Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1552 Datasheet (PDF) - 3M Electronics

1552 Datasheet PDF - 3M Electronics
Part # 1552
Download  1552 Download
File Size   1155.13 Kbytes
Page   7 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount

1552 Datasheet (PDF)

Go To PDF Page Download Datasheet
1552 Datasheet PDF - 3M Electronics

Part # 1552
Download  1552 Click to download

File Size   1155.13 Kbytes
Page   7 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount

1552 Datasheet (HTML) - 3M Electronics




Similar Part No. - 1552

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
1552 ADAFRUIT-1552 Datasheet
255Kb / 3P
Stereo 2.8W Class D Audio Amplifier - TS2012
7/21/2015
logo
Marquardt Management SE
1552.2602 MARQUARDT-1552.2602 Datasheet
411Kb / 3P
SINGLE POLE AND DOUBLE POLE ROCKER SWITCHES
1552.3102 MARQUARDT-1552.3102 Datasheet
411Kb / 3P
SINGLE POLE AND DOUBLE POLE ROCKER SWITCHES
1552.3602 MARQUARDT-1552.3602 Datasheet
411Kb / 3P
SINGLE POLE AND DOUBLE POLE ROCKER SWITCHES
1552.4602 MARQUARDT-1552.4602 Datasheet
411Kb / 3P
SINGLE POLE AND DOUBLE POLE ROCKER SWITCHES
More results


Similar Description - 1552

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
3M Electronics
951105-8622-AR 3M-951105-8622-AR Datasheet
659Kb / 3P
2 mm and 2 mm x 2 mm Straight and Right Angle, Solder Tail
24-Apr-2012
151250-7422-RB 3M-151250-7422-RB Datasheet
1Mb / 5P
2 mm × 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
14-Jan-2013
logo
HK TO-GRACE TECHNOLOGY ...
AA4040VRBXZ1S-A-2A TO-GRACE-AA4040VRBXZ1S-A-2A Datasheet
1,018Kb / 6P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
KA-4040CGCKT TO-GRACE-KA-4040CGCKT Datasheet
894Kb / 4P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
KA-4040SECKT TO-GRACE-KA-4040SECKT Datasheet
889Kb / 4P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
logo
Kingbright Corporation
AA4040LCGCK-AMT KINGBRIGHT-AA4040LCGCK-AMT Datasheet
545Kb / 5P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/21/2023
AA4040LQBSD-AMT KINGBRIGHT-AA4040LQBSD-AMT Datasheet
554Kb / 5P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/21/2023
AA4040LZGCKT-AMT KINGBRIGHT-AA4040LZGCKT-AMT Datasheet
542Kb / 5P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/22/2023
logo
3M Electronics
2951398 3M-2951398 Datasheet
749Kb / 6P
4-WALL HEADER, ,100 X 100 LATCH/EJECT STRAIGHT & RA
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com