Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1552 Datasheet(PDF) 1 Page - 3M Electronics

Part # 1552
Description  Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1552 Datasheet(HTML) 1 Page - 3M Electronics

  1552 Datasheet HTML 1Page - 3M Electronics 1552 Datasheet HTML 2Page - 3M Electronics 1552 Datasheet HTML 3Page - 3M Electronics 1552 Datasheet HTML 4Page - 3M Electronics 1552 Datasheet HTML 5Page - 3M Electronics 1552 Datasheet HTML 6Page - 3M Electronics 1552 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Latch/Eject Header
2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
1552 Series
14 pin counts ranging from 6 to 50 positions
•
Latch/eject mechanism maintains a secure
•
connection
Roll pins retain latches to body in shipping and high
•
vibration environments
Ejector helps make removal of assemblies easy
•
Latch design helps resist breakage during eject
•
High temperature insulators suitable for “lead free”
•
processing and meet JEDEC J-STD-020C
Robust system solution when used with 3M™ IDC
•
Wiremount Sockets or 3M™ Molded Cable
Assemblies
SMT latch/eject headers are available in tape and reel
•
with vacuum cap for automatic placement. Latch
option 2 and 3.
See Regulatory Information Appendix (RIA) for
•
chemical compliance information
Date Modified: September 16, 2008
TS-2199-F
Sheet 1 of 4
Physical
Insulation:
Material: Glass Filled Polyester (PCT)
Flammability: UL 94V-0
Color: Black
Contact:
Material: Copper Alloy
Plating:
Underplating: 50 μ" [ 1.27 μm ] Nickel
Wiping Area: See Ordering Information
Solder Tails: 200 μ" [ 5.0 μm ] Matte Tin
Electrical
Current Rating: 1A
Insulation Resistance: > 1 × 109
Ω at 500V
DC
Withstanding Voltage: 1,000 VRMS at Sea Level
Environmental
Temperature Rating: -55°C to +105°C
Process Rating: Maximum 260°C (per J-STD-020C)
Moisture Sensitivity Level: 1 (per J-STD-020C)


Similar Part No. - 1552

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
1552 ADAFRUIT-1552 Datasheet
255Kb / 3P
Stereo 2.8W Class D Audio Amplifier - TS2012
7/21/2015
logo
Marquardt Management SE
1552.2602 MARQUARDT-1552.2602 Datasheet
411Kb / 3P
SINGLE POLE AND DOUBLE POLE ROCKER SWITCHES
1552.3102 MARQUARDT-1552.3102 Datasheet
411Kb / 3P
SINGLE POLE AND DOUBLE POLE ROCKER SWITCHES
1552.3602 MARQUARDT-1552.3602 Datasheet
411Kb / 3P
SINGLE POLE AND DOUBLE POLE ROCKER SWITCHES
1552.4602 MARQUARDT-1552.4602 Datasheet
411Kb / 3P
SINGLE POLE AND DOUBLE POLE ROCKER SWITCHES
More results

Similar Description - 1552

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
3M Electronics
951105-8622-AR 3M-951105-8622-AR Datasheet
659Kb / 3P
2 mm and 2 mm x 2 mm Straight and Right Angle, Solder Tail
24-Apr-2012
151250-7422-RB 3M-151250-7422-RB Datasheet
1Mb / 5P
2 mm × 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
14-Jan-2013
logo
HK TO-GRACE TECHNOLOGY ...
AA4040VRBXZ1S-A-2A TO-GRACE-AA4040VRBXZ1S-A-2A Datasheet
1,018Kb / 6P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
KA-4040CGCKT TO-GRACE-KA-4040CGCKT Datasheet
894Kb / 4P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
KA-4040SECKT TO-GRACE-KA-4040SECKT Datasheet
889Kb / 4P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
logo
Kingbright Corporation
AA4040LCGCK-AMT KINGBRIGHT-AA4040LCGCK-AMT Datasheet
545Kb / 5P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/21/2023
AA4040LQBSD-AMT KINGBRIGHT-AA4040LQBSD-AMT Datasheet
554Kb / 5P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/21/2023
AA4040LZGCKT-AMT KINGBRIGHT-AA4040LZGCKT-AMT Datasheet
542Kb / 5P
4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
Rev No: V.2B Date: 03/22/2023
logo
3M Electronics
2951398 3M-2951398 Datasheet
749Kb / 6P
4-WALL HEADER, ,100 X 100 LATCH/EJECT STRAIGHT & RA
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com